Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLR-325 Datasheet (PDF) - Rohm

SLR-325 Datasheet PDF - Rohm
Part # SLR-325
Download  SLR-325 Download
File Size   185.25 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Reflecting small LEDs, directly mountable (3.2 mm)

SLR-325 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLR-325 Datasheet PDF - Rohm

Part # SLR-325
Download  SLR-325 Click to download

File Size   185.25 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Reflecting small LEDs, directly mountable (3.2 mm)

SLR-325 Datasheet (HTML) - Rohm


SLR-325 Product details

The SLR-325 series are small 3.2 mm LEDs with a lead pitch of 5 mm which can be directly mounted on a printed circuit board. Two colors and four lens types are available for a total of eight types, and they are suitable for use in a wide variety of applications.

Features
1) Can be directly mounted on a printed circuit board.
2) Available on tape to allow mounting using a 5 mm
   pitch machine without lead forming.
3) A low overall height of 5.5 mm makes it possible to
   design a slim unit.
4) Large flange eliminates wobbling after mounting
   (stable before and after soldering).
5) LED arrays at a conventional 4 mm pitch are also
   possible.
6) High reliability.




Similar Part No. - SLR-325

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-325DC ROHM-SLR-325DC Datasheet
122Kb / 3P
Viewing angle 2 1/2 : 40 Lead pitch 5mm
SLR-325DU ROHM-SLR-325DU Datasheet
122Kb / 3P
Viewing angle 2 1/2 : 40 Lead pitch 5mm
SLR-325MC ROHM-SLR-325MC Datasheet
122Kb / 3P
Viewing angle 2 1/2 : 40 Lead pitch 5mm
SLR-325MG ROHM-SLR-325MG Datasheet
122Kb / 3P
Viewing angle 2 1/2 : 40 Lead pitch 5mm
SLR-325VC ROHM-SLR-325VC Datasheet
122Kb / 3P
Viewing angle 2 1/2 : 40 Lead pitch 5mm
More results


Similar Description - SLR-325

ManufacturerPart #DatasheetDescription
logo
Rohm
SLA-560 ROHM-SLA-560 Datasheet
136Kb / 4P
High luminance, small LEDs f5.0 mm
SPR-325 ROHM-SPR-325 Datasheet
78Kb / 3P
Directly mountable, two-color LEDs (過5.0 mm)
SPR-505 ROHM-SPR-505 Datasheet
77Kb / 3P
Directly mountable, two-color LEDs (過5.0 mm)
SLR-322 ROHM-SLR-322 Datasheet
207Kb / 6P
Reflecting small LEDs, directly mountable (3.1 mm * 2 mm)
SLR-343 ROHM-SLR-343_1 Datasheet
54Kb / 6P
Reflecting small LEDs, directly mountable (3.1mm) (no need for solder modification)
SLR-37MG3F ROHM-SLR-37MG3F Datasheet
303Kb / 9P
LED, reflecting, high brightness, 3.0 mm
logo
Isahaya Electronics Cor...
VLA553-01R ISAHAYA-VLA553-01R Datasheet
1Mb / 13P
Directly mountable on the New?륪PD
VLA553-02R ISAHAYA-VLA553-02R Datasheet
1Mb / 13P
Directly mountable on the New?륪PD
VLA559-02R ISAHAYA-VLA559-02R Datasheet
1Mb / 13P
Directly mountable on the Prime PACK
logo
Vishay Siliconix
VS-30BQ060HM3 VISHAY-VS-30BQ060HM3 Datasheet
136Kb / 7P
Small foot print, surface mountable
17-Dec-14
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com