Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G08 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP1G08 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP1G08
Download  74AUP1G08 Download
File Size   273.54 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power 2-input AND gate

74AUP1G08 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP1G08 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP1G08
Download  74AUP1G08 Click to download

File Size   273.54 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power 2-input AND gate

74AUP1G08 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP1G08 Product details

1. General description
The 74AUP1G08 is a single 2-input AND gate. Schmitt-trigger action at all inputs makes the circuit
tolerant of slower input rise and fall times. This device ensures very low static and dynamic power
consumption across the entire VCC range from 0.8 V to 3.6 V. This device is fully specified for
partial power down applications using IOFF. The IOFF circuitry disables the output, preventing the
potentially damaging backflow current through the device when it is powered down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• CMOS low power dissipation
• High noise immunity
• Overvoltage tolerant inputs to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Low static power consumption; ICC = 0.9 μA (maximum)
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP1G08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G08 PHILIPS-74AUP1G08 Datasheet
84Kb / 17P
Low-power 2-input AND gate
Rev. 02-29 June 2006
logo
Diodes Incorporated
74AUP1G08 DIODES-74AUP1G08 Datasheet
187Kb / 11P
SINGLE 2 INPUT POSITIVE AND GATE
Rev 1
logo
Nexperia B.V. All right...
74AUP1G08-Q100 NEXPERIA-74AUP1G08-Q100 Datasheet
229Kb / 14P
Low-power 2-input AND gate
74AUP1G08-Q100 NEXPERIA-74AUP1G08-Q100 Datasheet
258Kb / 15P
Low-power 2-input AND gate
Rev. 6 20 September 2024
74AUP1G08-Q100 NEXPERIA-74AUP1G08-Q100_V01 Datasheet
258Kb / 15P
Low-power 2-input AND gate
Rev. 6 20 September 2024
More results


Similar Description - 74AUP1G08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G08 TI-SN74AUP1G08 Datasheet
272Kb / 13P
LOW POWER SINGLE 2 INPUT POSITIVE AND GATE
logo
NXP Semiconductors
74AUP1G08 PHILIPS-74AUP1G08 Datasheet
84Kb / 17P
Low-power 2-input AND gate
Rev. 02-29 June 2006
logo
Texas Instruments
SN74AUP2G08 TI-SN74AUP2G08 Datasheet
288Kb / 13P
LOW-POWER DUAL 2-INPUT POSITIVE-AND GATE
logo
NXP Semiconductors
74AUP2G08 NXP-74AUP2G08 Datasheet
100Kb / 17P
Low-power dual 2-input AND gate
Rev. 03-29 May 2008
logo
Texas Instruments
SN74AUP1G08 TI-SN74AUP1G08_10 Datasheet
969Kb / 22P
LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
logo
NXP Semiconductors
74AUP2G08 PHILIPS-74AUP2G08_11 Datasheet
146Kb / 21P
Low-power dual 2-input AND gate
Rev. 5-1 December 2011
logo
Texas Instruments
SN74AUP1G08 TI1-SN74AUP1G08_16 Datasheet
1Mb / 38P
Low-Power Single 2-Input Positive-AND Gate
SN74AUP1G08-Q1 TI1-SN74AUP1G08-Q1 Datasheet
806Kb / 15P
Low-Power Single 2-Input Positive-AND Gate
logo
Nexperia B.V. All right...
74AUP1G08-Q100 NEXPERIA-74AUP1G08-Q100 Datasheet
229Kb / 14P
Low-power 2-input AND gate
74AUP2G08 NEXPERIA-74AUP2G08 Datasheet
292Kb / 19P
Low-power dual 2-input AND gate
Rev. 11 - 17 June 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com