Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G86 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP1G86 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP1G86
Download  74AUP1G86 Download
File Size   274.11 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power 2-input EXCLUSIVE-OR gate

74AUP1G86 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP1G86 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP1G86
Download  74AUP1G86 Click to download

File Size   274.11 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power 2-input EXCLUSIVE-OR gate

74AUP1G86 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP1G86 Product details

1. General description
The 74AUP1G86 is a single 2-input EXCLUSIVE-OR gate. Schmitt-trigger action at all inputs
makes the circuit tolerant of slower input rise and fall times. This device ensures very low static
and dynamic power consumption across the entire VCC range from 0.8 V to 3.6 V. This device is
fully specified for partial power down applications using IOFF. The IOFF circuitry disables the output,
preventing the potentially damaging backflow current through the device when it is powered down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• CMOS low power dissipation
• High noise immunity
• Low static power consumption; ICC = 0.9 μA (maximum)
• Overvoltage tolerant inputs to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial power-down mode operation
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-B (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP1G86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G86 PHILIPS-74AUP1G86 Datasheet
67Kb / 17P
Low-power 2-input EXCLUSIVE-OR gate
Rev. 02.00-16 May 2006
logo
Diodes Incorporated
74AUP1G86 DIODES-74AUP1G86 Datasheet
315Kb / 14P
SINGLE 2 INPUT EXCLUSIVE-OR GATE
Rev 2
logo
Nexperia B.V. All right...
74AUP1G86-Q100 NEXPERIA-74AUP1G86-Q100 Datasheet
222Kb / 14P
Low-power 2-input EXCLUSIVE-OR gate
logo
Diodes Incorporated
74AUP1G86FS3-7 DIODES-74AUP1G86FS3-7 Datasheet
315Kb / 14P
SINGLE 2 INPUT EXCLUSIVE-OR GATE
Rev 2
74AUP1G86FW4-7 DIODES-74AUP1G86FW4-7 Datasheet
315Kb / 14P
SINGLE 2 INPUT EXCLUSIVE-OR GATE
Rev 2
More results


Similar Description - 74AUP1G86

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
2-input EXCLUSIVE-OR gate
2002 Jun 06
74AUP1G86 PHILIPS-74AUP1G86 Datasheet
67Kb / 17P
Low-power 2-input EXCLUSIVE-OR gate
Rev. 02.00-16 May 2006
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
2-INPUT EXCLUSIVE-OR GATE
logo
Renesas Technology Corp
RD74LVC1G86 RENESAS-RD74LVC1G86 Datasheet
2Mb / 8P
2-input Exclusive OR Gate
logo
NXP Semiconductors
74AUP2G86 NXP-74AUP2G86 Datasheet
102Kb / 17P
Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 04-29 June 2009
74AUP2G86GN NXP-74AUP2G86GN Datasheet
214Kb / 21P
Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 7-14 June 2012
logo
Nexperia B.V. All right...
74AUP1G86-Q100 NEXPERIA-74AUP1G86-Q100 Datasheet
222Kb / 14P
Low-power 2-input EXCLUSIVE-OR gate
74AXP1G86 NEXPERIA-74AXP1G86 Datasheet
835Kb / 17P
Low-power 2-input EXCLUSIVE-OR gate
74AUP2G86 NEXPERIA-74AUP2G86 Datasheet
257Kb / 17P
Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 10 - 7 December 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com