Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1GU04 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP1GU04 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP1GU04
Download  74AUP1GU04 Download
File Size   281.55 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power unbuffered inverter

74AUP1GU04 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP1GU04 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP1GU04
Download  74AUP1GU04 Click to download

File Size   281.55 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power unbuffered inverter

74AUP1GU04 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP1GU04 Product details

1. General description
The 74AUP1GU04 is a single unbuffered inverter. Schmitt-trigger action at all inputs makes the
circuit tolerant of slower input rise and fall times. This device ensures very low static and dynamic
power consumption across the entire VCC range from 0.8 V to 3.6 V. This device is fully specified
for partial power down applications using IOFF. The IOFF circuitry disables the output, preventing the
potentially damaging backflow current through the device when it is powered down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• High noise immunity
• CMOS low power dissipation
• Low static power consumption; ICC = 0.9 μA (maximum)
• Low noise overshoot and undershoot < 10% of VCC
• IOFF circuitry provides partial Power-down mode operation
• Latch-up performance exceeds 100 mA per JESD 78 Class II
• Overvoltage tolerant inputs to 3.6 V
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP1GU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1GU04 PHILIPS-74AUP1GU04 Datasheet
90Kb / 18P
Low-power unbuffered inverter
Rev. 01-10 August 2005
74AUP1GU04 NXP-74AUP1GU04 Datasheet
362Kb / 21P
Low-power unbuffered inverter
Rev. 5-29 June 2012
74AUP1GU04GF NXP-74AUP1GU04GF Datasheet
362Kb / 21P
Low-power unbuffered inverter
Rev. 5-29 June 2012
74AUP1GU04GM PHILIPS-74AUP1GU04GM Datasheet
90Kb / 18P
Low-power unbuffered inverter
Rev. 01-10 August 2005
74AUP1GU04GM NXP-74AUP1GU04GM Datasheet
362Kb / 21P
Low-power unbuffered inverter
Rev. 5-29 June 2012
More results


Similar Description - 74AUP1GU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1GU04 PHILIPS-74AUP1GU04 Datasheet
90Kb / 18P
Low-power unbuffered inverter
Rev. 01-10 August 2005
logo
Toshiba Semiconductor
TC7SZU04FE TOSHIBA-TC7SZU04FE Datasheet
147Kb / 6P
Inverter (Unbuffered)
logo
NXP Semiconductors
74AUP2GU04 NXP-74AUP2GU04 Datasheet
99Kb / 16P
Low-power dual unbuffered inverter
Rev. 02-3 July 2009
74AUP1GU04GF NXP-74AUP1GU04GF Datasheet
362Kb / 21P
Low-power unbuffered inverter
Rev. 5-29 June 2012
74AUP1GU04 PHILIPS-74AUP1GU04_15 Datasheet
362Kb / 21P
Low-power unbuffered inverter
Rev. 5-29 June 2012
74AUP2GU04 PHILIPS-74AUP2GU04_15 Datasheet
202Kb / 19P
Low-power dual unbuffered inverter
Rev. 5-11 October 2013
logo
ON Semiconductor
NL17SGU04 ONSEMI-NL17SGU04_17 Datasheet
92Kb / 9P
Unbuffered Inverter
November, 2017 ??Rev. 5
logo
Nexperia B.V. All right...
74AUP2GU04-Q100 NEXPERIA-74AUP2GU04-Q100 Datasheet
235Kb / 14P
Low-power dual unbuffered inverter
logo
Toshiba Semiconductor
TC7SGU04FU TOSHIBA-TC7SGU04FU Datasheet
168Kb / 6P
Inverter (Unbuffered)
2009-09-24
logo
Nexperia B.V. All right...
74AUP2GU04 NEXPERIA-74AUP2GU04 Datasheet
263Kb / 16P
Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com