Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1T45 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP1T45 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP1T45
Download  74AUP1T45 Download
File Size   435.31 Kbytes
Page   33 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual supply translating transceiver; 3-state

74AUP1T45 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP1T45 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP1T45
Download  74AUP1T45 Click to download

File Size   435.31 Kbytes
Page   33 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual supply translating transceiver; 3-state

74AUP1T45 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP1T45 Product details

1. General description
The 74AUP1T45 is a single bit transceiver featuring two data input-outputs (A and B), a direction
control input (DIR) and dual supply pins (VCC(A) and VCC(B)) which enable bidirectional level
translation. Both VCC(A) and VCC(B) can be supplied at any voltage between 1.1 V and 3.6 V making
the device suitable for interfacing between any of the low voltage nodes (1.2 V, 1.5 V, 1.8 V, 2.5 V
and 3.3 V). Pins A and DIR are referenced to VCC(A) and pin B is referenced to VCC(B). A HIGH on
DIR allows transmission from A to B and a LOW on DIR allows transmission from B to A.
Schmitt trigger action on all inputs makes the circuit tolerant of slower input rise and fall times
across the entire VCC(A) and VCC(B) ranges. The device ensures low static and dynamic power
consumption and is fully specified for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing any damaging backflow current through the device when it is
powered down. In suspend mode when either VCC(A) or VCC(B) are at GND, both A and B are in the
high-impedance OFF-state.
2. Features and benefits
• Wide supply voltage range:
• VCC(A): 1.1 V to 3.6 V
• VCC(B): 1.1 V to 3.6 V
• High noise immunity
• Complies with JEDEC standards:
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-B (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Low static power consumption; ICC = 0.9 μA (maximum)
• Suspend mode
• Latch-up performance exceeds 100 mA per JESD 78 Class II
• Inputs accept voltages up to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial power-down mode operation
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP1T45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1T45 PHILIPS-74AUP1T45 Datasheet
166Kb / 33P
Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
74AUP1T45 NXP-74AUP1T45 Datasheet
177Kb / 33P
Low-power dual supply translating transceiver; 3-state
Rev. 02-3 August 2009
74AUP1T45GF PHILIPS-74AUP1T45GF Datasheet
166Kb / 33P
Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
74AUP1T45GF NXP-74AUP1T45GF Datasheet
177Kb / 33P
Low-power dual supply translating transceiver; 3-state
Rev. 02-3 August 2009
74AUP1T45GM PHILIPS-74AUP1T45GM Datasheet
166Kb / 33P
Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
More results


Similar Description - 74AUP1T45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1T45 PHILIPS-74AUP1T45 Datasheet
166Kb / 33P
Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
74AUP1T45 NXP-74AUP1T45 Datasheet
177Kb / 33P
Low-power dual supply translating transceiver; 3-state
Rev. 02-3 August 2009
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74AVCH1T45 NXP-74AVCH1T45_09 Datasheet
124Kb / 22P
Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
74LVC2T45 PHILIPS-74LVC2T45_1 Datasheet
1Mb / 36P
Dual supply translating transceiver; 3-state
Rev. 4-20 August 2010
74AUP1T45 PHILIPS-74AUP1T45_15 Datasheet
284Kb / 36P
Low-power dual supply translating transceiver; 3-state
Rev. 5-9 August 2012
logo
Nexperia B.V. All right...
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com