Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-A390 Datasheet (PDF) - Nel Frequency Controls,inc

HS-A390 Datasheet PDF - Nel Frequency Controls,inc
Part # HS-A390
Download  HS-A390 Download
File Size   365.94 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description CRYSTAL CLOCK OSCILLATORS

HS-A390 Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-A390 Datasheet PDF - Nel Frequency Controls,inc

Part # HS-A390
Download  HS-A390 Click to download

File Size   365.94 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description CRYSTAL CLOCK OSCILLATORS

HS-A390 Datasheet (HTML) - Nel Frequency Controls,inc


HS-A390 Product details

Description

The HS-A390 Series of quartz crystal oscillators provide CMOS compatible signals for general purpose timing applications.



Features

• Wide frequency range–70.1MHz to 125.0MHz

• User specified tolerance available

• Will withstand vapor phase temperatures of 253°C for 4 minutes maximum

• Space-saving alternative to discrete component oscillators

• High shock resistance, to 3000g

• 3.3 volt operation

• Low Jitter

• High Q Crystal actively tuned oscillator circuit

• Power supply decoupling internal

• No internal PLL avoids cascading PLL problems

• High frequencies due to proprietary design

• All metal, resistance weld, hermetically sealed package

• Gold plated leads - Solder dipped leads available upon request



 




Similar Part No. - HS-A390

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-A370 NEL-HS-A370 Datasheet
257Kb / 2P
CMOS
HS-A370-FREQ NEL-HS-A370-FREQ Datasheet
257Kb / 2P
CMOS
HS-A370-FREQ NEL-HS-A370-FREQ Datasheet
257Kb / 2P
CMOS
HS-A370 NEL-HS-A370_10 Datasheet
58Kb / 2P
Insulated standoffs to enhance board cleaning are standard. Low voltage operation (3.3V)
HS-A371-FREQ NEL-HS-A371-FREQ Datasheet
257Kb / 2P
CMOS
More results


Similar Description - HS-A390

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-2830 NEL-HS-2830 Datasheet
262Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SN-A2970 NEL-SN-A2970 Datasheet
33Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SU-A369X NEL-SU-A369X Datasheet
144Kb / 2P
CRYSTAL CLOCK OSCILLATORS
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
Crystal Clock Oscillators
logo
Abracon Corporation
ASL ABRACON-ASL Datasheet
258Kb / 1P
CRYSTAL CLOCK OSCILLATORS
Rev. B 01/2003
ACPEL ABRACON-ACPEL_08 Datasheet
156Kb / 2P
CRYSTAL CLOCK OSCILLATORS
Revised C: 03.11.08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com