Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8392AAREZ Datasheet (PDF) - Analog Devices

AD8392AAREZ Datasheet PDF - Analog Devices
Part # AD8392AAREZ
Download  AD8392AAREZ Download
File Size   557.42 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver

AD8392AAREZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8392AAREZ Datasheet PDF - Analog Devices

Part # AD8392AAREZ
Download  AD8392AAREZ Click to download

File Size   557.42 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver

AD8392AAREZ Datasheet (HTML) - Analog Devices


AD8392AAREZ Product details

GENERAL DESCRIPTION
The AD8392A is comprised of four high output current, low power consumption, operational amplifiers. It is particularly well suited for the CO driver interface in digital subscriber line systems, such as ADSL and ADSL2+. The driver is capable of providing enough power to deliver 20.4 dBm to a line, while compensating for losses due to hybrid insertion and back termination resistors.

FEATURES
   Four current feedback, high current amplifiers
   Ideal for use as ADSL/ADSL2+ dual-channel central office
      (CO) line drivers
   Low power operation
      Power supply operation from ±5 V (+10 V) up to ±12 V (+24 V)
      Less than 3 mA/amp quiescent supply current for full
         power ADSL/ADSL2+ CO applications (20.4 dBm line
         power, 5.5 CF)
      Three active power modes plus shutdown
   High output voltage and current drive
      500 mA peak output drive current
      42.6 V p-p differential output voltage
   Low distortion
      −93 dBc @1 MHz second harmonic
      −103 dBc @ 1 MHz third harmonic
   High speed: 515 V/μs differential slew rate
   Additional functionality of AD8392AACP
      On-chip, common-mode voltage generation

APPLICATIONS
   ADSL/ADSL2+ CO line drivers
   XDSL line drivers




Similar Part No. - AD8392AAREZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8392AAREZ AD-AD8392AAREZ Datasheet
570Kb / 13P
Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
Rev. A
AD8392AAREZ AD-AD8392AAREZ Datasheet
498Kb / 12P
Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
Rev. A
AD8392AAREZ-R7 AD-AD8392AAREZ-R7 Datasheet
570Kb / 13P
Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
Rev. A
AD8392AAREZ-R7 AD-AD8392AAREZ-R7 Datasheet
498Kb / 12P
Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
Rev. A
AD8392AAREZ-RL AD-AD8392AAREZ-RL Datasheet
570Kb / 13P
Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
Rev. A
More results


Similar Description - AD8392AAREZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8392 AD-AD8392 Datasheet
529Kb / 16P
Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
7/04-Revision 0
logo
Intersil Corporation
ISL1535 INTERSIL-ISL1535 Datasheet
46Kb / 2P
Dual Channel Central Office ADSL2 Line Driver
April 3, 2007
EL1537B INTERSIL-EL1537B Datasheet
46Kb / 2P
Dual Channel CO ADSL2 Line Driver
September 28, 2006
logo
Analog Devices
AD8394 AD-AD8394 Datasheet
66Kb / 2P
Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
logo
Intersil Corporation
ISL1535A INTERSIL-ISL1535A Datasheet
53Kb / 2P
Dual Channel Central Office ADSL2 Line Driver
ISL1535AIVEZ INTERSIL-ISL1535AIVEZ Datasheet
114Kb / 2P
Dual Channel Central Office ADSL2 Line Driver
March 11, 2008
ISL1536IRZ INTERSIL-ISL1536IRZ Datasheet
356Kb / 9P
Dual Channel Central Office ADSL2 Line Driver
February 15, 2013
logo
Analog Devices
ADLD8403 AD-ADLD8403 Datasheet
365Kb / 10P
Ultralow Power, Adaptive Linear Power,Dual-Port ADSL/ADSL2 Line Driver
REV. C
ADLD8403 AD-ADLD8403_16 Datasheet
438Kb / 11P
Ultralow Power, Adaptive Linear Power, Dual-Port ADSL/ADSL2 Line Driver
REV. C
AD8392A AD-AD8392A_16 Datasheet
570Kb / 13P
Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com