Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTV546 Datasheet (PDF) - Golledge Electronics Ltd

HTV546 Datasheet PDF - Golledge Electronics Ltd
Part # HTV546
Download  HTV546 Download
File Size   60.02 Kbytes
Page   1 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 5V HCMOS TCXO Stratum 3

HTV546 Datasheet (PDF)

Go To PDF Page Download Datasheet
HTV546 Datasheet PDF - Golledge Electronics Ltd

Part # HTV546
Download  HTV546 Click to download

File Size   60.02 Kbytes
Page   1 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 5V HCMOS TCXO Stratum 3

HTV546 Datasheet (HTML) - Golledge Electronics Ltd


HTV546 Product details

Features
➠ Stratum 3 compliant
➠ HCMOS output
➠ Excellent frequency stability
➠ Wide temperature range
➠ Low cost for volume production




Similar Part No. - HTV546

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
HTV546A CONNOR-WINFIELD-HTV546A Datasheet
219Kb / 2P
5.0V HCMOS VCTCXO 14 Pin DIP Crystal Oscillator
HTV546A-77.76M CONNOR-WINFIELD-HTV546A-77.76M Datasheet
219Kb / 2P
5.0V HCMOS VCTCXO 14 Pin DIP Crystal Oscillator
HTV546AG CONNOR-WINFIELD-HTV546AG Datasheet
225Kb / 2P
5.0V HCMOS VCTCXO 14 Pin DIP CRYSTAL OSCILLATOR
HTV546AG-100M CONNOR-WINFIELD-HTV546AG-100M Datasheet
225Kb / 2P
5.0V HCMOS VCTCXO 14 Pin DIP CRYSTAL OSCILLATOR
More results


Similar Description - HTV546

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
574 CTS-574 Datasheet
194Kb / 5P
Stratum 3 TCXO/TCVCXO
logo
List of Unclassifed Man...
E2747 ETC2-E2747 Datasheet
45Kb / 2P
STRATUM 3 TCXO
logo
Connor-Winfield Corpora...
AIOF5S3E CONNOR-WINFIELD-AIOF5S3E Datasheet
173Kb / 2P
STRATUM 3E 5V HCMOS OCXO
OFC5EF3ABG5 CONNOR-WINFIELD-OFC5EF3ABG5 Datasheet
181Kb / 2P
STRATUM 3E 5V HCMOS OCXO
T501 CONNOR-WINFIELD-T501 Datasheet
65Kb / 2P
3.3V Surface Mount 5x7mm Stratum 3 HCMOS TCXO T501
logo
Golledge Electronics Lt...
HTFH GOLLEDGE-HTFH Datasheet
160Kb / 1P
5V CMOS TCXO Stratum 3
GTXO-S14T GOLLEDGE-GTXO-S14T Datasheet
547Kb / 4P
3.3 & 5V Stratum 3 Sinewave TCXO
GTXO-C14T GOLLEDGE-GTXO-C14T Datasheet
547Kb / 4P
3.3 & 5V Stratum 3 CMOS TCXO
logo
Suntsu Electronics, Inc...
STX478 SUNTSU-STX478 Datasheet
540Kb / 3P
Ceramic Stratum 3 SMT 8 Pad HCMOS TCXO
STX479 SUNTSU-STX479 Datasheet
551Kb / 3P
Ceramic Stratum 3 SMT 8 Pad HCMOS TCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com