Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D5202 Datasheet (PDF) - G.M. International

D5202 Datasheet PDF - G.M. International
Part # D5202
Download  D5202 Download
File Size   140.78 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL3 24 Vdc 4 A Power Distribution with Diagnostics

D5202 Datasheet (PDF)

Go To PDF Page Download Datasheet
D5202 Datasheet PDF - G.M. International

Part # D5202
Download  D5202 Click to download

File Size   140.78 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL3 24 Vdc 4 A Power Distribution with Diagnostics

D5202 Datasheet (HTML) - G.M. International


D5202 Product details

FEATURES
SIL 3 / SC 3
Installation in Zone 2
Separate single or redundant 24 Vdc supply
Supply current to approx. 40-50 D5000 modules
Replaceable fuses
Very low internal dissipation (ideal diode circuits)




Similar Part No. - D5202

ManufacturerPart #DatasheetDescription
logo
SHAOXING SILICORE TECHN...
D52003 SILICORE-D52003 Datasheet
208Kb / 7P
AM/FM RADIO IC
D52003CN SILICORE-D52003CN Datasheet
208Kb / 7P
AM/FM RADIO IC
logo
List of Unclassifed Man...
D5201 ETC2-D5201 Datasheet
402Kb / 3P
4/6 VARIABLE TOOTH DESIGN-FAST CUT
D5203 ETC2-D5203 Datasheet
402Kb / 3P
4/6 VARIABLE TOOTH DESIGN-FAST CUT
logo
G.M. International
D5203 GMI-D5203 Datasheet
122Kb / 2P
Diagnostic Module for DIN-Rail
More results


Similar Description - D5202

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
750-508-040-000 WAGO-750-508-040-000 Datasheet
547Kb / 12P
2-channel digital output; 24 VDC; 2.0 A; Diagnostics; Extreme
750-508 WAGO-750-508 Datasheet
419Kb / 12P
2-channel digital output; 24 VDC; 2.0 A; Diagnostics
750-537-040-000 WAGO-750-537-040-000 Datasheet
491Kb / 11P
8-channel digital output; 24 VDC; 0.5 A; Diagnostics; Extreme
750-537 WAGO-750-537 Datasheet
550Kb / 12P
8-channel digital output; 24 VDC; 0.5 A; Diagnostics
750-610 WAGO-750-610 Datasheet
477Kb / 11P
Power Supply; 24 VDC; fuse holder; Diagnostics
750-610-040-000 WAGO-750-610-040-000 Datasheet
472Kb / 11P
Power Supply; 24 VDC; fuse holder; Diagnostics; Extreme
750-506 WAGO-750-506 Datasheet
280Kb / 12P
2-channel digital output; 24 VDC; 0.5 A; Diagnostics
750-532 WAGO-750-532 Datasheet
524Kb / 12P
4-channel digital output; 24 VDC; 0.5 A; Diagnostics
753-508 WAGO-753-508 Datasheet
568Kb / 12P
2-channel digital output; 24 VDC; 2.0 A; Diagnostics
753-506 WAGO-753-506 Datasheet
537Kb / 12P
2-channel digital output; 24 VDC; 0.5 A; Diagnostics
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com