Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX79-B/C12 Datasheet (PDF) - Nexperia B.V. All rights reserved

BZX79-B/C12 Datasheet PDF - Nexperia B.V. All rights reserved
Part # BZX79-B/C12
Download  BZX79-B/C12 Download
File Size   871.05 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Voltage regulator diodes

BZX79-B/C12 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX79-B/C12 Datasheet PDF - Nexperia B.V. All rights reserved

Part # BZX79-B/C12
Download  BZX79-B/C12 Click to download

File Size   871.05 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Voltage regulator diodes

BZX79-B/C12 Datasheet (HTML) - Nexperia B.V. All rights reserved


BZX79-B/C12 Product details

FEATURES
•Total power dissipation: max. 500 mW
•Two tolerance series: ±2%, and approx. ±5%
•Working voltage range: nom. 2.4 to 75 V (E24 range)
•Non-repetitive peak reverse power dissipation: max. 40 W.

APPLICATIONS
•Low voltage stabilizers or voltage references.

DESCRIPTION
Low-power voltage regulator diodes in hermetically sealed leaded glass SOD27 (DO-35) packages. The diodes are available in the normalized E24 ±2% (BZX79-B) and approx. ±5% (BZX79-C) tolerance range. The series consists of 37 types with nominal working voltages from 2.4 to 75 V.




Similar Part No. - BZX79-B/C12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX79-B10 PHILIPS-BZX79-B10 Datasheet
61Kb / 12P
Voltage regulator diodes
2002 Feb 27
logo
GOOD-ARK Electronics
BZX79-B10 GOOD-ARK-BZX79-B10 Datasheet
320Kb / 7P
Zener Diodes
logo
Silicon Standard Corp.
BZX79-B10 SSC-BZX79-B10 Datasheet
455Kb / 7P
ZENER DIODES
logo
NXP Semiconductors
BZX79-B10 NXP-BZX79-B10 Datasheet
581Kb / 10P
Voltage regulator diodes
2002 Feb 27
BZX79-B10 NXP-BZX79-B10 Datasheet
581Kb / 10P
Voltage regulator diodes
2002 Feb 27
More results


Similar Description - BZX79-B/C12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
Voltage regulator diodes
1996 May 14
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
Voltage regulator diodes
2004 Mar 22
logo
Galaxy Semi-Conductor H...
BZD27C BILIN-BZD27C Datasheet
208Kb / 4P
VOLTAGE REGULATOR DIODES
logo
NXP Semiconductors
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B6V2,215 NXP-BZX84-B6V2,215 Datasheet
741Kb / 11P
Voltage regulator diodes
2003 Apr 10
logo
Galaxy Semi-Conductor H...
BZD27C BILIN-BZD27C_15 Datasheet
202Kb / 4P
VOLTAGE REGULATOR DIODES
logo
Nexperia B.V. All right...
SZMM3Z_SER NEXPERIA-SZMM3Z_SER Datasheet
268Kb / 12P
Voltage regulator diodes
Rev. 3 - 20 February 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com