Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX79-B10 Datasheet (PDF) - Silicon Standard Corp.

BZX79-B10 Datasheet PDF - Silicon Standard Corp.
Part # BZX79-B10
Download  BZX79-B10 Download
File Size   455.51 Kbytes
Page   7 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description ZENER DIODES

BZX79-B10 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX79-B10 Datasheet PDF - Silicon Standard Corp.

Part # BZX79-B10
Download  BZX79-B10 Click to download

File Size   455.51 Kbytes
Page   7 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description ZENER DIODES

BZX79-B10 Datasheet (HTML) - Silicon Standard Corp.


BZX79-B10 Product details

PRODUCT SUMMARY

VZ range: 2.4 to 75 Volts

Power dissipation: 500mW



FEATURES

The Zener voltages are graded according to the international  E 24 standard. Higher Zener voltages and 1% tolerance available on request. 

Diodes available in these tolerance series: ±2% BZX79-B, ±3% BZX79-F, ±5% BZX79-C. 



MECHANICAL DATA

Case: DO-35 Glass Case 

Weight: approx. 0.13g




Similar Part No. - BZX79-B10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX79-B10 PHILIPS-BZX79-B10 Datasheet
61Kb / 12P
Voltage regulator diodes
2002 Feb 27
logo
GOOD-ARK Electronics
BZX79-B10 GOOD-ARK-BZX79-B10 Datasheet
320Kb / 7P
Zener Diodes
logo
NXP Semiconductors
BZX79-B10 NXP-BZX79-B10 Datasheet
581Kb / 10P
Voltage regulator diodes
2002 Feb 27
BZX79-B10 NXP-BZX79-B10 Datasheet
581Kb / 10P
Voltage regulator diodes
2002 Feb 27
logo
Nexperia B.V. All right...
BZX79-B10 NEXPERIA-BZX79-B10 Datasheet
871Kb / 11P
Voltage regulator diodes
2002 Feb 27
More results


Similar Description - BZX79-B10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com