Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT2305A Datasheet (PDF) - Renesas Technology Corp

IDT2305A Datasheet PDF - Renesas Technology Corp
Part # IDT2305A
Download  IDT2305A Download
File Size   271.45 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V ZERO DELAY CLOCK BUFFER

IDT2305A Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT2305A Datasheet PDF - Renesas Technology Corp

Part # IDT2305A
Download  IDT2305A Click to download

File Size   271.45 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V ZERO DELAY CLOCK BUFFER

IDT2305A Datasheet (HTML) - Renesas Technology Corp


IDT2305A Product details

FEATURES:
• Phase-Lock Loop Clock Distribution
• 10MHz to 133MHz operating frequency
• Distributes one clock input to one bank of five outputs
• Zero Input-Output Delay
• Output Skew < 250ps
• Low jitter <200 ps cycle-to-cycle
• IDT2305A-1 for Standard Drive
• IDT2305A-1H for High Drive
• No external RC network required
• Operates at 3.3V VDD
• Power down mode
• Available in SOIC package




Similar Part No. - IDT2305A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2305A IDT-IDT2305A Datasheet
53Kb / 7P
3.3V ZERO DELAY CLOCK BUFFER
IDT2305A-1DC IDT-IDT2305A-1DC Datasheet
53Kb / 7P
3.3V ZERO DELAY CLOCK BUFFER
IDT2305A-1DCG IDT-IDT2305A-1DCG Datasheet
53Kb / 7P
3.3V ZERO DELAY CLOCK BUFFER
IDT2305A-1DCGI IDT-IDT2305A-1DCGI Datasheet
53Kb / 7P
3.3V ZERO DELAY CLOCK BUFFER
IDT2305A-1DCI IDT-IDT2305A-1DCI Datasheet
53Kb / 7P
3.3V ZERO DELAY CLOCK BUFFER
More results


Similar Description - IDT2305A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2305 IDT-IDT2305 Datasheet
132Kb / 10P
3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
3.3V ZERO DELAY CLOCK BUFFER
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
3.3V ZERO DELAY CLOCK BUFFER
IDT2305A IDT-IDT2305A Datasheet
53Kb / 7P
3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305_07 Datasheet
208Kb / 11P
3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B_09 Datasheet
160Kb / 10P
3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
3.3V ZERO DELAY CLOCK BUFFER
2305-1HDCGI8 IDT-2305-1HDCGI8 Datasheet
145Kb / 12P
3.3V ZERO DELAY CLOCK BUFFER
2305B-1DCGI8 IDT-2305B-1DCGI8 Datasheet
155Kb / 12P
3.3V ZERO DELAY CLOCK BUFFER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com