Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2153131022 Datasheet (PDF) - Molex Electronics Ltd.

2153131022 Datasheet PDF - Molex Electronics Ltd.
Part # 2153131022
Download  2153131022 Download
File Size   327.02 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MizuP25 P-S 2ckt 300mm Sn

2153131022 Datasheet (PDF)

Go To PDF Page Download Datasheet
2153131022 Datasheet PDF - Molex Electronics Ltd.

Part # 2153131022
Download  2153131022 Click to download

File Size   327.02 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MizuP25 P-S 2ckt 300mm Sn

2153131022 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 2153131022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2153131031 MOLEX-2153131031 Datasheet
336Kb / 1P
MizuP25 P-S 3ckt 150mm Sn
2020/07/23
2153131032 MOLEX-2153131032 Datasheet
336Kb / 1P
MizuP25 P-S 3ckt 150mm Sn
2020/07/23
2153131033 MOLEX-2153131033 Datasheet
336Kb / 1P
MizuP25 P-S 3ckt 150mm Sn
2020/07/23
2153131041 MOLEX-2153131041 Datasheet
342Kb / 1P
MizuP25 P-S 4ckt 150mm Sn
2020/07/20
2153131042 MOLEX-2153131042 Datasheet
342Kb / 1P
MizuP25 P-S 4ckt 150mm Sn
2020/07/20
More results


Similar Description - 2153131022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2153101022 MOLEX-2153101022 Datasheet
299Kb / 1P
MizuP25 R-R 2ckt 300mm Sn
2020/07/20
2196521023 MOLEX-2196521023 Datasheet
281Kb / 1P
Micro-One ISL R-R 2ckt 300mm disc Sn
2022/01/11
2153111021 MOLEX-2153111021 Datasheet
319Kb / 1P
MizuP25 R-S 2ckt 150mm Sn
2020/07/20
2153121021 MOLEX-2153121021 Datasheet
308Kb / 1P
MizuP25 P-P 2ckt 150mm Sn
2020/07/20
2153121031 MOLEX-2153121031 Datasheet
314Kb / 1P
MizuP25 P-P 3ckt 150mm Sn
2020/07/20
2153121041 MOLEX-2153121041 Datasheet
316Kb / 1P
MizuP25 P-P 4ckt 150mm Sn
2020/07/20
2153131031 MOLEX-2153131031 Datasheet
336Kb / 1P
MizuP25 P-S 3ckt 150mm Sn
2020/07/23
2153131041 MOLEX-2153131041 Datasheet
342Kb / 1P
MizuP25 P-S 4ckt 150mm Sn
2020/07/20
2162731020 MOLEX-2162731020 Datasheet
320Kb / 1P
SL POSITIVE LOCK P-S 2CKT 50MM Sn
2020/08/05
2166231021 MOLEX-2166231021 Datasheet
339Kb / 1P
SQUBA3.6 P-S 2CKT 150MM Sn
2020/07/21
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com