Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

885012004010 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

885012004010 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 885012004010
Download  885012004010 Download
File Size   443.76 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WCAP-CSGP Ceramic Capacitors 0201

885012004010 Datasheet (PDF)

Go To PDF Page Download Datasheet
885012004010 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 885012004010
Download  885012004010 Click to download

File Size   443.76 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WCAP-CSGP Ceramic Capacitors 0201

885012004010 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


885012004010 Product details

General Information:
General Purpose MLCC
Ceramic Type NP0 Class I
Temperature Coefficient ± 30 ppm/ °C max.
Operating Temperature -55 up to +125 °C
Storage Conditions
(in original packaging) 5 °C up to + 35 °C; 10 % up to 75 % RH
Moisture Sensitivity Level (MSL) 1
Dielectric Strength 5 sec. @250 % VR; Charge & Discharge Current <50 mA
Test conditions of Electrical Properties: +20 °C, 35 % RH if not specified differently
FIT according to separate documentation




Similar Part No. - 885012004010

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
885012004011 WURTH-885012004011 Datasheet
443Kb / 8P
WCAP-CSGP Ceramic Capacitors 0201
001.000
885012004012 WURTH-885012004012 Datasheet
443Kb / 8P
WCAP-CSGP Ceramic Capacitors 0201
001.000
885012004013 WURTH-885012004013 Datasheet
443Kb / 8P
WCAP-CSGP Ceramic Capacitors 0201
001.000
885012004014 WURTH-885012004014 Datasheet
443Kb / 8P
WCAP-CSGP Ceramic Capacitors 0201
001.000
More results


Similar Description - 885012004010

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
885012004001 WURTH-885012004001 Datasheet
446Kb / 8P
WCAP-CSGP Ceramic Capacitors 0201
001.001
885012004004 WURTH-885012004004 Datasheet
443Kb / 8P
WCAP-CSGP Ceramic Capacitors 0201
001.000
885012004006 WURTH-885012004006 Datasheet
443Kb / 8P
WCAP-CSGP Ceramic Capacitors 0201
001.000
885012004007 WURTH-885012004007 Datasheet
443Kb / 8P
WCAP-CSGP Ceramic Capacitors 0201
001.000
885012104002 WURTH-885012104002 Datasheet
447Kb / 8P
WCAP-CSGP Ceramic Capacitors 0201
001.001
885012104004 WURTH-885012104004 Datasheet
522Kb / 8P
WCAP-CSGP Ceramic Capacitors 0201
001.000
885012104008 WURTH-885012104008 Datasheet
518Kb / 8P
WCAP-CSGP Ceramic Capacitors 0201
001.000
885012104009 WURTH-885012104009 Datasheet
443Kb / 8P
WCAP-CSGP Ceramic Capacitors 0201
001.000
885012104013 WURTH-885012104013 Datasheet
446Kb / 8P
WCAP-CSGP Ceramic Capacitors 0201
001.000
885012204003 WURTH-885012204003 Datasheet
522Kb / 8P
WCAP-CSGP Ceramic Capacitors 0201
001.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com