Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD1001 Datasheet (PDF) - G.M. International

PSD1001 Datasheet PDF - G.M. International
Part # PSD1001
Download  PSD1001 Download
File Size   250.85 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL 3 - SIL 2 Quad ch. Power Supply for Hazardous Area Equipment for Hazardous Area Equipment

PSD1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSD1001 Datasheet PDF - G.M. International

Part # PSD1001
Download  PSD1001 Click to download

File Size   250.85 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL 3 - SIL 2 Quad ch. Power Supply for Hazardous Area Equipment for Hazardous Area Equipment

PSD1001 Datasheet (HTML) - G.M. International


PSD1001 Product details

General Description:
The PSD1001 is a quad channel DIN Rail Power Supply to drive measuring,
process control equipments in Hazardous Area;
it provides isolation between input and output.
Typical application is to drive 4-20 mA 2 wires transmitter with local indication
(current is not repeated in Safe Area).
Output channels can be paralleled if more power is required.

Features:
SIL 3 according to IEC 61508, IEC 61511
in Loop Powered mode for Lifetime = 10 years.
SIL 2 according to IEC 61508, IEC 61511
in Bus Powered mode
for Tproof = 2 / 5 years (10 / 20 % of total SIF).
PFDavg (1 year) 0.00 E-00, SFF 100 %
(Loop Powered mode).
PFDavg (1 year) 3.64 E-04, SFF 80.12 %
(Bus Powered mode).
Output to Zone 0 (Zone 20), Division 1,
installation in Zone 2, Division 2.
4 channels Power Supply
for Hazardous Area equipment.
Flexible modular multiple output capability.
Output short circuit proof and current limited.
Isolation Input/Output.
EMC Compatibility to EN61000-6-2, EN61000-6-4.
ATEX, IECEx, UL & C-UL, FM & FM-C, INMETRO, EAC-EX,
UKR TR n. 898 Certifications.
Type Approval Certificate DNV and KR for
maritime applications.
High Reliability, SMD components.
High Density, four channels per unit.
Simplified installation using standard
DIN Rail and plug-in terminal blocks.
250 Vrms (Um) max. voltage allowed to the
instruments associated with the barrier.




Similar Part No. - PSD1001

ManufacturerPart #DatasheetDescription
logo
Black Box Registered Tr...
PSD100 BLACKBOX-PSD100 Datasheet
464Kb / 3P
DIN Rail Converter and Repeaters with Opto-Isolation
logo
G.M. International
PSD1000 GMI-PSD1000 Datasheet
230Kb / 2P
Universal AC Input Switching Power Supply 24 Vdc Output DIN-Rail Models PSD1000, PSD1000F
PSD1000B GMI-PSD1000B Datasheet
230Kb / 2P
Universal AC Input Switching Power Supply 24 Vdc Output DIN-Rail Models PSD1000, PSD1000F
PSD1000FB GMI-PSD1000FB Datasheet
230Kb / 2P
Universal AC Input Switching Power Supply 24 Vdc Output DIN-Rail Models PSD1000, PSD1000F
More results


Similar Description - PSD1001

ManufacturerPart #DatasheetDescription
logo
Littelfuse
242 LITTELFUSE-242 Datasheet
90Kb / 1P
Hazardous Area Fuses
logo
Omron Electronics LLC
E3FS OMRON-E3FS Datasheet
365Kb / 10P
Safety design for category 2. Suitable for detecting human bodies in hazardous area.
logo
Elektron Components Ltd...
EXP BULGIN-EXP Datasheet
3Mb / 5P
EXP Series EXPlora - Hazardous Area
logo
PHOENIX CONTACT
BAR-ANT-N-N-EX PHOENIX-BAR-ANT-N-N-EX Datasheet
277Kb / 9P
Antenna barrier for the hazardous area
logo
G.M. International
D1010S-046 GMI-D1010S-046 Datasheet
373Kb / 4P
SIL 2 Repeater Power Supply
logo
Schneider Electric
XS9C11RPBL01MEX SCHNEIDER-XS9C11RPBL01MEX Datasheet
96Kb / 2P
rotation monitoring hazardous area - 40x40x15 - Sn 15mm - NC - M12 connector
Jan 7, 2021
logo
G.M. International
PSD5201 GMI-PSD5201 Datasheet
131Kb / 2P
I.S. SIL3 Power Supply for Hazardous Area Equipment
logo
List of Unclassifed Man...
HZDFC2N ETC1-HZDFC2N Datasheet
1Mb / 12P
SafeSite® LED Area Light for Indoor and Outdoor Hazardous Locations
logo
STEGO Elektrotechnik Gm...
CREX020-T4 STEGO-CREX020-T4 Datasheet
325Kb / 1P
HAZARDOUS AREA HEATER
23.08.2022
CREX020-T5 STEGO-CREX020-T5 Datasheet
297Kb / 1P
HAZARDOUS AREA HEATER
23.08.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com