Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSS1250 Datasheet (PDF) - G.M. International

PSS1250 Datasheet PDF - G.M. International
Part # PSS1250
Download  PSS1250 Download
File Size   4983.22 Kbytes
Page   17 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL3 Power Supply System PSS1250, 24Vdc, 50-100-150-200A, Zone 2 /Div.2 19

PSS1250 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSS1250 Datasheet PDF - G.M. International

Part # PSS1250
Download  PSS1250 Click to download

File Size   4983.22 Kbytes
Page   17 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL3 Power Supply System PSS1250, 24Vdc, 50-100-150-200A, Zone 2 /Div.2 19

PSS1250 Datasheet (HTML) - G.M. International


PSS1250 Product details

General Description: The Power Supply System type PSS1250 is an anodized aluminum
19” Rack unit (4U high) suitable to accept up to 6 plug-in Power Supply Modules type
PSM1250 and 1 Overview module for diagnostic functions. Each module provides 24Vdc,
50 A output. Modules can be paralleled with load sharing circuits which distribute current
load equally to each power supply module to increase reliability and reduce internal power
dissipation. The system accepts up to two independent AC power sources with nominal
voltage range 110 to 240 Vac (±10%). Sixteen configurations of 19” Rack Units are
available with or without Hot Swapping: eight for wall mounting and eight for frontal rack
mounting, always into a cabinet. Two configurations of 9” Rack Units are available with or
without Hot Swapping, only for wall mounting into a cabinet. Two configurations of 7” Rack
Units are available with or without Hot Swapping, only for wall mounting into a cabinet.
For more information about different configurations see page 2.

Features:
SIL 3 for NE Load according IEC 61508:2010, with single PSM1250 module or more
PSM1250 modules in redundant configuration (see ISM0219 for more information).
SIL 1 for ND Load according to IEC 61508:2010, with single PSM1250 module
(see ISM0219 for more information).
SIL 2 for ND Load according IEC 61508:2010, with more PSM1250 modules in
redundant configuration (see ISM0219 for more information).
Systematic capability SIL 3.
2 universal AC Input Lines, nominal 110 to 240 Vac (±10%) (48 to 62 Hz).
Power factor correction.
Installation in Zone 2 / Div. 2 hazardous locations with hot swappable modules.
EMC Compatibility to EN61000-6-2, EN61000-6-4.
ATEX, IECEx, UL & C-UL, TÜV Certifications.
TÜV Functional Safety Certification.
Tested for maritime applications.
Highly regulated output of 24 Vdc, 50 A, for PSM1250 module.
Under and over voltage alarm monitoring.
3 over voltage redundant protections.
Redundant parallel connections with load sharing.
Reduces Power dissipation (in parallel/redundant configuration)
by replacing a Schottky diode with Mosfet Active Ideal Diode.
89% efficiency @230 Vac input and 24 Vdc output with full load.
Fan speed control depending on ambient temperature and output power.
High load fuse breaking capability without interrupting operations.
19” or 9” or 7” Rack unit, 4 U high,anodized aluminium, durable metal enclosure.
Tropicalization for electronic components.
Modbus RTU RS-485 diagnostic output (only for 19” or 9” rack units).




Similar Part No. - PSS1250

ManufacturerPart #DatasheetDescription
logo
Power-One
PSS1212-7 POWER-ONE-PSS1212-7 Datasheet
104Kb / 5P
9...25 A Switching Regulators
PSS1212-7 POWER-ONE-PSS1212-7 Datasheet
214Kb / 5P
9 - 25 A Switching Regulator
PSS1214-2 POWER-ONE-PSS1214-2 Datasheet
104Kb / 5P
9...25 A Switching Regulators
PSS1214-2 POWER-ONE-PSS1214-2 Datasheet
214Kb / 5P
9 - 25 A Switching Regulator
PSS129-7 POWER-ONE-PSS129-7 Datasheet
104Kb / 5P
9...25 A Switching Regulators
More results


Similar Description - PSS1250

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SYS-4W5122-4U01 ADVANTECH-SYS-4W5122-4U01 Datasheet
469Kb / 2P
Intel짰 Core??2 Duo MicroATX System with PS/2 Power Supply
logo
Dialight Corporation
LSD3C4D2P DIALIGHT-LSD3C4D2P_12 Datasheet
182Kb / 2P
SafeSite짰 LED Linear Fixture Class I, Div. 2 Version
logo
Axiomtek Co., Ltd.
ETM620 AXIOMTEK-ETM620_16 Datasheet
282Kb / 1P
2 SATA-150, 2 PATA-100 supported
logo
PHOENIX CONTACT
REL-MR-12DC PHOENIX-REL-MR-12DC Datasheet
79Kb / 5P
Plug-in miniature power relay, with power contact, 2 PDTs, 24 V DC input voltage, UL/cUL: approved for use in Ex Zone Class 1 Div 2
logo
G.M. International
D5011 GMI-D5011 Datasheet
278Kb / 1P
I.S. SIL3 2-Wire HART짰 Transmitter Power Supply
D5014 GMI-D5014 Datasheet
286Kb / 1P
I.S. SIL3 2/4-Wire HART짰 Transmitter Power Supply
logo
Moxa Inc.
EXPC-1519 MOXA-EXPC-1519 Datasheet
2Mb / 8P
Zone 2 19-inch panel computers with multiple connectivity options
logo
Pepperl+Fuchs Inc.
SK-PC-D2-UU1-10-HS PF-SK-PC-D2-UU1-10-HS Datasheet
682Kb / 3P
Div. 2 / Zone 2 Ex-rated barrier
2019-07-01
logo
G.M. International
D6011 GMI-D6011 Datasheet
151Kb / 2P
SIL3 2-Wire HART® Transmitter Power Supply
D6014 GMI-D6014 Datasheet
194Kb / 2P
SIL3 2/4-Wire HART® Transmitter Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com