Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE-3000 Datasheet (PDF) - COTEK ELECTRONIC IND. CO., LTD

AE-3000 Datasheet PDF - COTEK ELECTRONIC IND. CO., LTD
Part # AE-3000
Download  AE-3000 Download
File Size   3683.93 Kbytes
Page   6 Pages
Manufacturer  COTEK [COTEK ELECTRONIC IND. CO., LTD]
Direct Link  https://www.cotek.com.tw/
Logo COTEK - COTEK ELECTRONIC IND. CO., LTD
Description 3000W Programmable Single Output

AE-3000 Datasheet (PDF)

Go To PDF Page Download Datasheet
AE-3000 Datasheet PDF - COTEK ELECTRONIC IND. CO., LTD

Part # AE-3000
Download  AE-3000 Click to download

File Size   3683.93 Kbytes
Page   6 Pages
Manufacturer  COTEK [COTEK ELECTRONIC IND. CO., LTD]
Direct Link  https://www.cotek.com.tw/
Logo COTEK - COTEK ELECTRONIC IND. CO., LTD
Description 3000W Programmable Single Output

AE-3000 Datasheet (HTML) - COTEK ELECTRONIC IND. CO., LTD


AE-3000 Product details

Features:
Programmable output Voltage (0% ~ 105%)
Programmable output Current (0% ~ 105%)
Power OK signal
Remote ON / OFF, Remote sense function
Protection: OVP, OLP, OTP, SCP, Fan failure
Selectable +5V / 0.5A or +9V / 0.3A auxiliary output
Constant current limit
Remote setting multiple PSU via RS232, RS485 & I²C
Universal AC input / Full range
Forced current sharing at parallel operation
Global control via RS232




Similar Part No. - AE-3000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
AE-3002-10A MOLEX1-AE-3002-10A Datasheet
135Kb / 3P
5.08mm (.200") Pitch KK짰 PC Board Connector, Right Angle Mount Style A, 1.0關m (40關") Tin (Sn), 10 Circuits
AE-3002-10B MOLEX1-AE-3002-10B Datasheet
150Kb / 3P
5.08mm (.200") Pitch KK짰 PC Board Connector, Bottom Entry Mount Style B, 1.0關m (40關") Tin (Sn), 10 Circuits
AE-3002-10C MOLEX1-AE-3002-10C Datasheet
132Kb / 3P
5.08mm (.200") Pitch KK짰 PC Board Connector, Top Entry Mount Style C, 1.0關m (40關") Tin (Sn), 10 Circuits
AE-3002-11A MOLEX1-AE-3002-11A Datasheet
135Kb / 3P
5.08mm (.200") Pitch KK짰 PC Board Connector, Right Angle Mount Style A, 1.0關m (40關") Tin (Sn), 11 Circuits
AE-3002-11B MOLEX1-AE-3002-11B Datasheet
150Kb / 3P
5.08mm (.200") Pitch KK짰 PC Board Connector, Bottom Entry Mount Style B, 1.0關m (40關") Tin (Sn), 11 Circuits
More results


Similar Description - AE-3000

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSP-3000 MEANWELL-RSP-3000 Datasheet
329Kb / 5P
3000W Single Output Power Supply
RSP-3000 MEANWELL-RSP-3000_10 Datasheet
373Kb / 6P
3000W Single Output Power Supply
RSP-3000 MEANWELL-RSP-3000_12 Datasheet
359Kb / 6P
3000W Single Output Power Supply
logo
Total Power Internation...
RSP-3000 TOTAL-POWER-RSP-3000 Datasheet
377Kb / 6P
3000W Single Output Power Supply
logo
Mean Well Enterprises C...
CSP-3000 MEANWELL-CSP-3000 Datasheet
1Mb / 10P
3000W Power Supply with Single Output
logo
COTEK ELECTRONIC IND. C...
AK3000 COTEK-AK3000 Datasheet
559Kb / 6P
3000W Single Output Power Supply
AE-1500 COTEK-AE-1500 Datasheet
1Mb / 7P
1500W Programmable Single Output
23/05/18
AE-1500FET COTEK-AE-1500FET Datasheet
1Mb / 8P
1500W Programmable Single Output
23/05/18
AE-800 COTEK-AE-800 Datasheet
2Mb / 6P
800W Programmable Single Output
22/02/16
AK-1000 COTEK-AK-1000 Datasheet
2Mb / 6P
1000W Programmable Single Output
22/02/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com