Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AG102 Datasheet (PDF) - WJ Communication. Inc.

AG102 Datasheet PDF - WJ Communication. Inc.
Part # AG102
Download  AG102 Download
File Size   399.26 Kbytes
Page   6 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description High Dynamic Range Gain Block

AG102 Datasheet (PDF)

Go To PDF Page Download Datasheet
AG102 Datasheet PDF - WJ Communication. Inc.

Part # AG102
Download  AG102 Click to download

File Size   399.26 Kbytes
Page   6 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description High Dynamic Range Gain Block

AG102 Datasheet (HTML) - WJ Communication. Inc.


AG102 Product details

Product Description

The AG102 is a general-purpose gain block that offers good dynamic range and low noise figure in a low-cost surface-mount package. The combination of near-constant OIP3 and low noise figure performance over frequency makes it attractive for both narrowband and broadband applications. The device combines dependable performance with superb quality to maintain MTTF values exceeding 1000 years at mounting temperatures of +85 qC and is available in the environmentally-friendly lead-free/green/RoHS-compliant SOT-89 package.

The AG102 uses a high reliability GaAs MMIC technology and only requires DC-blocking and bypass capacitors, and an inductive RF choke for operation. Internal matching provides a 50 ohm input / output impedance minimizing the number of required external components.

The broadband MMIC amplifier is well suited for various current and next generation wireless technologies such as GPRS, GSM, CDMA, and W-CDMA. In addition, the AG102 will work for other applications within the 60 to 3000 MHz frequency range such as fixed wireless.



Product Features

• 60 – 3000 MHz

• 14 dB Gain

• 2.4 dB Noise Figure

• +36 dBm OIP3

• Single +3.3 or +4.5 Supply

• Internally matched to 50 :

• Lead-free/Green/RoHS compliant SOT-89 Package

• MTTF > 1000 years



Applications

• Mobile Infrastructure

• CATV / DBS

• W-LAN / ISM

• RFID

• Defense / Homeland Security

• Fixed Wireless



 




Similar Part No. - AG102

ManufacturerPart #DatasheetDescription
logo
Silver Telecom 2019
AG102 SILVERTEL-AG102 Datasheet
287Kb / 15P
Intelligent Sealed Lead Acid Battery Charger Module
logo
TriQuint Semiconductor
AG102-G TRIQUINT-AG102-G_15 Datasheet
737Kb / 6P
High Dynamic Range Gain Block
logo
Silver Telecom 2019
AG102S SILVERTEL-AG102S Datasheet
287Kb / 15P
Intelligent Sealed Lead Acid Battery Charger Module
More results


Similar Description - AG102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG101 ETC-AG101 Datasheet
179Kb / 7P
High Dynamic Range Gain Block
AM1 ETC-AM1 Datasheet
126Kb / 5P
High Dynamic Range Gain Block
logo
WJ Communication. Inc.
AG103 WJCI-AG103 Datasheet
167Kb / 5P
High Dynamic Range Gain Block
AM1 WJCI-AM1 Datasheet
404Kb / 6P
High Dynamic Range Gain Block
logo
Tyco Electronics
AM-155 MACOM-AM-155 Datasheet
155Kb / 3P
High Dynamic Range Amplifier, 12.5dB Gain, 300 - 1000 MHz
logo
WJ Communication. Inc.
AG103 WJCI-AG103_06 Datasheet
181Kb / 4P
High Dynamic Range Gain Block
AH3 WJCI-AH3 Datasheet
107Kb / 4P
High Dynamic Range Gain Block
logo
TriQuint Semiconductor
AG102-G TRIQUINT-AG102-G_15 Datasheet
737Kb / 6P
High Dynamic Range Gain Block
AH3-G TRIQUINT-AH3-G_15 Datasheet
506Kb / 7P
High Dynamic Range Gain Block
AM1-G TRIQUINT-AM1-G_15 Datasheet
752Kb / 6P
High Dynamic Range Gain Block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com