Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7207L12JGI Datasheet (PDF) - Renesas Technology Corp

7207L12JGI Datasheet PDF - Renesas Technology Corp
Part # 7207L12JGI
Download  7207L12JGI Download
File Size   276.77 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS ASYNCHRONOUS FIFO

7207L12JGI Datasheet (PDF)

Go To PDF Page Download Datasheet
7207L12JGI Datasheet PDF - Renesas Technology Corp

Part # 7207L12JGI
Download  7207L12JGI Click to download

File Size   276.77 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS ASYNCHRONOUS FIFO

7207L12JGI Datasheet (HTML) - Renesas Technology Corp


7207L12JGI Product details

FEATURES:
• First-In/First-Out Dual-Port memory
• 2,048 x 9 organization (IDT7203)
• 4,096 x 9 organization (IDT7204)
• 8,192 x 9 organization (IDT7205)
• 16,384 x 9 organization (IDT7206)
• 32,768 x 9 organization (IDT7207)
• 65,636 x 9 organization (IDT7208)
• High-speed: 12ns access time
• Low power consumption
— Active: 660mW (max.)
— Power-down: 44mW (max.)
• Asynchronous and simultaneous read and write
• Fully expandable in both word depth and width
• 720x family is pin and functionally compatible from 256 x 9 to 64k x 9
• Status Flags: Empty, Half-Full, Full
• Retransmit capability
• High-performance CMOS technology
• Military product compliant to MIL-STD-883, Class B
• Standard Military Drawing for #5962-88669 (IDT7203), 5962-89567
(IDT7203), and 5962-89568 (IDT7204) are listed on this function




Similar Part No. - 7207L12JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7207L12GGB8 IDT-7207L12GGB8 Datasheet
143Kb / 14P
CMOS ASYNCHRONOUS FIFO
7207L12GGI8 IDT-7207L12GGI8 Datasheet
143Kb / 14P
CMOS ASYNCHRONOUS FIFO
7207L12PGB8 IDT-7207L12PGB8 Datasheet
143Kb / 14P
CMOS ASYNCHRONOUS FIFO
7207L12PGI8 IDT-7207L12PGI8 Datasheet
143Kb / 14P
CMOS ASYNCHRONOUS FIFO
7207L12TPGB8 IDT-7207L12TPGB8 Datasheet
143Kb / 14P
CMOS ASYNCHRONOUS FIFO
More results


Similar Description - 7207L12JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
3.3 VOLT CMOS ASYNCHRONOUS FIFO
logo
Sharp Corporation
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203_06 Datasheet
112Kb / 14P
CMOS ASYNCHRONOUS FIFO
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
IDT7200L IDT-IDT7200L_17 Datasheet
139Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7280 RENESAS-IDT7280 Datasheet
114Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com