Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83PN156DKILF Datasheet (PDF) - Renesas Technology Corp

83PN156DKILF Datasheet PDF - Renesas Technology Corp
Part # 83PN156DKILF
Download  83PN156DKILF Download
File Size   501.07 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable FemtoClock® NG LVPECL Oscillator Replacement

83PN156DKILF Datasheet (PDF)

Go To PDF Page Download Datasheet
83PN156DKILF Datasheet PDF - Renesas Technology Corp

Part # 83PN156DKILF
Download  83PN156DKILF Click to download

File Size   501.07 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable FemtoClock® NG LVPECL Oscillator Replacement

83PN156DKILF Datasheet (HTML) - Renesas Technology Corp


83PN156DKILF Product details

Features
• Fourth Generation FemtoClock® Next Generation (NG)
technology
• Footprint compatible with 5mm x 7mm differential oscillators
• One differential LVPECL output pair
• Crystal oscillator interface which can also be overdriven using a
single-ended reference clock
• Output frequency range: 100MHz –156.25MHz
• Crystal/input frequency range: 20MHz – 25MHz, parallel resonant
crystal
• VCO range: 2GHz – 2.5GHz
• RMS phase jitter @ 156.25MHz, 12kHz – 20MHz:
0.348ps (typical)
• Full 3.3V or 2.5V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 83PN156DKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83PN156DKILF IDT-83PN156DKILF Datasheet
258Kb / 19P
Programmable FemtoClock NG LVPECL Oscillator Replacement
83PN156DKILFT IDT-83PN156DKILFT Datasheet
258Kb / 19P
Programmable FemtoClock NG LVPECL Oscillator Replacement
More results


Similar Description - 83PN156DKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83PR226I-01 IDT-83PR226I-01 Datasheet
769Kb / 22P
Programmable FemtoClock LVPECL Oscillator Replacement
83PN156I IDT-83PN156I Datasheet
258Kb / 19P
Programmable FemtoClock NG LVPECL Oscillator Replacement
83PN187I IDT-83PN187I Datasheet
273Kb / 22P
Programmable FemtoClock NG LVPECL Oscillator Replacement
83PR226I-01 IDT-83PR226I-01_17 Datasheet
618Kb / 22P
Programmable FemtoClock LVPECL Oscillator Replacement
83PN15639 IDT-83PN15639 Datasheet
343Kb / 21P
Programmable FemtoClock NG 3.3V, 2.5V LVPECL Oscillator Replacement
logo
Renesas Technology Corp
83PN15639 RENESAS-83PN15639 Datasheet
535Kb / 22P
Programmable FemtoClock® NG 3.3V, 2.5V LVPECL Oscillator Replacement
August 16, 2016
83PR226I-01 RENESAS-83PR226I-01 Datasheet
980Kb / 23P
Programmable FemtoClock® LVPECL Oscillator Replacement
October 6, 2017
ICS83PN148I RENESAS-ICS83PN148I Datasheet
662Kb / 20P
Programmable FemtoClock® NG LVPECL Oscillator Replacement
2019
ICS83PN625I RENESAS-ICS83PN625I Datasheet
460Kb / 22P
Programmable FemtoClock® NG LVPECL Oscillator Replacement
2019
83PN187I RENESAS-83PN187I Datasheet
521Kb / 23P
Programmable FemtoClock® NG LVPECL Oscillator Replacement
March 4, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com