Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1113S125 Datasheet (PDF) - Renesas Technology Corp

ADC1113S125 Datasheet PDF - Renesas Technology Corp
Part # ADC1113S125
Download  ADC1113S125 Download
File Size   701.67 Kbytes
Page   36 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single 11-bit ADC; serial JESD204A interface

ADC1113S125 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC1113S125 Datasheet PDF - Renesas Technology Corp

Part # ADC1113S125
Download  ADC1113S125 Click to download

File Size   701.67 Kbytes
Page   36 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single 11-bit ADC; serial JESD204A interface

ADC1113S125 Datasheet (HTML) - Renesas Technology Corp


ADC1113S125 Product details

 SNR, 66.2 dBFS; SFDR, 87 dBc
 Sample rate: 125 Msps
 Single channel, 11-bit pipelined ADC
core
 3 V, 1.8 V power supplies
 Flexible input voltage range:
1 V (p-p) to 2 V (p-p)
 Serial output
 Compliant with JESD204A serial
transmission standard
 Pin compatible with ADC1613S series,
ADC1413S series, and ADC1213S series




Similar Part No. - ADC1113S125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1113S125 NXP-ADC1113S125 Datasheet
659Kb / 38P
Single 11-bit ADC; serial JESD204A interface
Rev. 1-15 March 2011
logo
Integrated Device Techn...
ADC1113S125 IDT-ADC1113S125 Datasheet
698Kb / 36P
Single 11-bit ADC; serial JESD204A interface
logo
NXP Semiconductors
ADC1113S125C1 NXP-ADC1113S125C1 Datasheet
659Kb / 38P
Single 11-bit ADC; serial JESD204A interface
Rev. 1-15 March 2011
ADC1113S125HN NXP-ADC1113S125HN Datasheet
659Kb / 38P
Single 11-bit ADC; serial JESD204A interface
Rev. 1-15 March 2011
logo
Integrated Device Techn...
ADC1113S125HN-C1 IDT-ADC1113S125HN-C1 Datasheet
698Kb / 36P
Single 11-bit ADC; serial JESD204A interface
More results


Similar Description - ADC1113S125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1113D125 NXP-ADC1113D125 Datasheet
314Kb / 41P
Dual 11-bit ADC; serial JESD204A interface
Rev. 02-23 April 2010
ADC1113D125 NXP-ADC1113D125_11 Datasheet
547Kb / 41P
Dual 11-bit ADC; serial JESD204A interface
Rev. 3-10 February 2011
ADC1113S125 NXP-ADC1113S125 Datasheet
659Kb / 38P
Single 11-bit ADC; serial JESD204A interface
Rev. 1-15 March 2011
ADC1413S NXP-ADC1413S Datasheet
805Kb / 38P
Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 2-8 June 2011
logo
Integrated Device Techn...
ADC1113D125 IDT-ADC1113D125 Datasheet
589Kb / 39P
Dual 11-bit ADC; serial JESD204A interface
ADC1113S125 IDT-ADC1113S125 Datasheet
698Kb / 36P
Single 11-bit ADC; serial JESD204A interface
ADC1413S IDT-ADC1413S Datasheet
769Kb / 36P
Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1113D125 RENESAS-ADC1113D125 Datasheet
593Kb / 39P
Dual 11-bit ADC; serial JESD204A interface
2 July 2012
ADC1413S RENESAS-ADC1413S Datasheet
773Kb / 36P
Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com