Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9173B-01CS08LF Datasheet (PDF) - Renesas Technology Corp

9173B-01CS08LF Datasheet PDF - Renesas Technology Corp
Part # 9173B-01CS08LF
Download  9173B-01CS08LF Download
File Size   361.5 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VIDEO GENLOCK PLL

9173B-01CS08LF Datasheet (PDF)

Go To PDF Page Download Datasheet
9173B-01CS08LF Datasheet PDF - Renesas Technology Corp

Part # 9173B-01CS08LF
Download  9173B-01CS08LF Click to download

File Size   361.5 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VIDEO GENLOCK PLL

9173B-01CS08LF Datasheet (HTML) - Renesas Technology Corp


9173B-01CS08LF Product details

Features
• Phase-detector/VCO circuit block
• Ideal for genlock system
• Reference clock range 12 kHz to 1 MHz for full output
clock range
• Output clock range of 1.25 to 75 MHz (-01), and 0.625 to
37.5 MHz (-15). See “Allowable Input Frequency to
Output Frequency” table for conditions
• On-chip loop filter
• Single 5 V power supply
• Low power CMOS technology
• 8-pin SOIC package




Similar Part No. - 9173B-01CS08LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9173B-01CS08LF IDT-9173B-01CS08LF Datasheet
310Kb / 9P
VIDEO GENLOCK PLL
9173B-01CS08LFT IDT-9173B-01CS08LFT Datasheet
310Kb / 9P
VIDEO GENLOCK PLL
More results


Similar Description - 9173B-01CS08LF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7199B PHILIPS-SAA7199B Datasheet
188Kb / 40P
Digital Video Encoder DENC GENLOCK-capable
1996 Sep 27
logo
Integrated Circuit Syst...
AV9173-01 ICST-AV9173-01 Datasheet
148Kb / 6P
Video Genlock PLL
RevC052197
AV9173-15 ICST-AV9173-15 Datasheet
148Kb / 6P
Video Genlock PLL
RevC051397
ICS9173-01 ICST-ICS9173-01 Datasheet
122Kb / 7P
Video Genlock PLL
Rev D 06/21/05
MK9173-01 ICST-MK9173-01 Datasheet
163Kb / 7P
Video Genlock PLL
logo
National Semiconductor ...
LMH1982 NSC-LMH1982 Datasheet
504Kb / 28P
Multi-Rate Video Clock Generator with Genlock
logo
Integrated Device Techn...
AV9173-15 IDT-AV9173-15 Datasheet
151Kb / 6P
Video Genlock PLL
IDT9173B IDT-IDT9173B Datasheet
310Kb / 9P
VIDEO GENLOCK PLL
logo
Texas Instruments
LMH1982SQ-NOPB TI1-LMH1982SQ-NOPB Datasheet
1Mb / 43P
Multi-Rate Video Clock Generator with Genlock
logo
Integrated Device Techn...
ICS9173B IDT-ICS9173B Datasheet
309Kb / 9P
VIDEO GENLOCK PLL
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com