Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH205A Datasheet (PDF) - WJ Communication. Inc.

MH205A Datasheet PDF - WJ Communication. Inc.
Part # MH205A
Download  MH205A Download
File Size   139.35 Kbytes
Page   4 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description High Linearity Cellular-Band MMIC Mixer

MH205A Datasheet (PDF)

Go To PDF Page Download Datasheet
MH205A Datasheet PDF - WJ Communication. Inc.

Part # MH205A
Download  MH205A Click to download

File Size   139.35 Kbytes
Page   4 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description High Linearity Cellular-Band MMIC Mixer

MH205A Datasheet (HTML) - WJ Communication. Inc.


MH205A Product details

Product Description
The MH205A is a passive GaAs MESFET mixer that provides high dynamic range performance in a low-cost lead-free/green/RoHS-compliant SOIC-8 package. WJ’s MH205A uses patented techniques to realize +35 dBm Input IP3 at an LO drive level of +17 dBm and can be used for upconverting or downconverting low-side LO applications. This single monolithic integrated circuit does not require any external baluns or bias elements.

Product Features
• +35 dBm Input IP3
• 7 dB Conversion Loss
• RF: 800 – 960 MHz
• LO: 700 – 890 MHz
• IF: 70 – 120 MHz
• +17 dBm Drive Level
• Lead-free / RoHS-compliant / Green SOIC-8 package
• No External Bias Required

Applications
• 2.5G and 3G GSM/CDMA / wCDMA Mobile Infrastructure




Similar Part No. - MH205A

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
MH205A WJCI-MH205A Datasheet
192Kb / 4P
High Linearity Cellular-Band MMIC Mixer
logo
M-System Co.,Ltd.
MH205A MSYSTEM-MH205A Datasheet
106Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
logo
WJ Communication. Inc.
MH205A-G WJCI-MH205A-G Datasheet
192Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH205A-PCB WJCI-MH205A-PCB Datasheet
192Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH205A WJCI-MH205A_07 Datasheet
192Kb / 4P
High Linearity Cellular-Band MMIC Mixer
More results


Similar Description - MH205A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MH203 ETC-MH203 Datasheet
140Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH202 ETC1-MH202 Datasheet
163Kb / 2P
High Dynamic Range Cellular Band MMIC Mixer
logo
WJ Communication. Inc.
MH203A WJCI-MH203A Datasheet
191Kb / 4P
High Linearity Cellular-Band MMIC Mixer
CV110-1A WJCI-CV110-1A Datasheet
244Kb / 4P
Cellular-band High Linearity Downconverter
MH203-RFID WJCI-MH203-RFID Datasheet
153Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH205-RFID WJCI-MH205-RFID Datasheet
144Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH204 WJCI-MH204 Datasheet
163Kb / 2P
High Dynamic Range Cellular Band MMIC Mixer
CV110-1A WJCI-CV110-1A_07 Datasheet
281Kb / 4P
Cellular-band High Linearity Downconverter
CV110-3A WJCI-CV110-3A_07 Datasheet
281Kb / 4P
Cellular-band High Linearity Downconverter
MH205A WJCI-MH205A_07 Datasheet
192Kb / 4P
High Linearity Cellular-Band MMIC Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com