Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RUTX50000000 Datasheet (PDF) - TELTONIKA NETWORKS.

RUTX50000000 Datasheet PDF - TELTONIKA NETWORKS.
Part # RUTX50000000
Download  RUTX50000000 Download
File Size   1206.17 Kbytes
Page   13 Pages
Manufacturer  TELTONIKA [TELTONIKA NETWORKS.]
Direct Link  https://teltonika-networks.com/
Logo TELTONIKA - TELTONIKA NETWORKS.
Description RUTX50

RUTX50000000 Datasheet (PDF)

Go To PDF Page Download Datasheet
RUTX50000000 Datasheet PDF - TELTONIKA NETWORKS.

Part # RUTX50000000
Download  RUTX50000000 Click to download

File Size   1206.17 Kbytes
Page   13 Pages
Manufacturer  TELTONIKA [TELTONIKA NETWORKS.]
Direct Link  https://teltonika-networks.com/
Logo TELTONIKA - TELTONIKA NETWORKS.
Description RUTX50

RUTX50000000 Datasheet (HTML) - TELTONIKA NETWORKS.


RUTX50000000 Product details

FEATURES
5G Sub-6Ghz SA/NSA 2.1/3.3Gbps DL (4x4 MIMO), 900/600 Mbps UL (2x2); 4G (LTE) – LTE Cat 20 2.0Gbps DL, 200Mbps UL;
3G – 42 Mbps DL, 5.76Mbps UL
SMS status, SMS configuration, send/read SMS via HTTP POST/GET, EMAIL to SMS, SMS to EMAIL, SMS to HTTP, SMS to SMS,
scheduled SMS, SMS autoreply, Call utilities
Supports sending and reading Unstructured Supplementary Service Data messages
Signal strength (RSSI), SINR, RSRP, RSRQ, EC/IO, RSCP Bytes sent/received, connected band, IMSI, ICCID.
Operator black/white list
Band lock, Used band status display
Auto APN
Direct connection (bridge) between mobile ISP and device on LAN
Passthrough Gateway assigns its mobile WAN IP address to another device on LAN
APN
Bridge
ESSID stealth mode
WiFi users Up to 150 simultaneous connections
ESSID
Black/White list
Band management
TCP, UDP, IPv4, IPv6, ICMP, NTP, DNS, HTTP, HTTPS, SMTP, SSL v3, TLS, PPP, PPPoE, SSH, DHCP, SNMP, MQTT, Wake on LAN
(WOL)
Static routing, Dynamic routing (BGP, OSPF v2, RIP v1/v2, EIGRP, NHRP)
Ping Reboot, Wget Reboot, Periodic Reboot, LCP and ICMP for link inspection
Port forwards, traffic rules, custom rules
DHCP Static and dynamic IP allocation
Connection monitoring
Firewall
Network protocols
Routing
Supported >25 service providers, others can be configured manually
Possibility to mount remote file system via SSH protocol
DDNS
SSHFS
Status
SMS/Call
WPA3-EAP, WPA3-SAE, WPA2-Enterprise-PEAP, WPA2-PSK, WEP; AES-CCMP, TKIP, Auto Cipher modes, client separation
802.11b/g/n/ac Wave 2 (WiFi 5) with data transmission rates of up to 867 Mbps (Dual Band, MU-MIMO), 802.11r fast transition,
Wireless mode Access Point (AP), Station (STA)
WiFi security
4 x RJ45 port, 10/100/1000 Mbps, supports auto MDI/MDIX crossover
1 x WAN port (can be configured as LAN) 10/100/1000 Mbps, compliance with IEEE 802.3, IEEE 802.3u, 802.3az standards,
WAN supports auto MDI/MDIX crossover
LAN
USSD
MOBILE
Mobile module
WIRELESS
ETHERNET
NETWORK
Multiple PDN Possibility to use different PDNs for multiple network access and services
Wireless Hotspot Captive portal (Hotspot), internal/external Radius server, built in customizable landing page
Wireless mesh/ roaming Wireless mesh (802.11s), fast roaming (802.11r)
Pre-shared key, digital certificates, X.509 certificates
Pre-configured firewall rules can be enabled via the WebUI, unlimited firewall configuration via CLI; NAT; NAT-T
DDOS prevention (SYN flood protection, SSH attack prevention, HTTP/HTTPS attack prevention), port scan prevention
(SYN-FIN, SYN-RST, X-mas, NULL flags, FIN scan attacks)
Attack prevention
Authentication
Firewall
Set up custom data limits for SIM card
Blacklist for blocking out unwanted websites, Whitelist for specifying allowed sites only
Mobile quota control
WEB filter
Access control Flexible access control of TCP, UDP, ICMP packets, MAC address filter
SECURITY
VLAN Port and tag-based VLAN separation




Similar Part No. - RUTX50000000

ManufacturerPart #DatasheetDescription
logo
TELTONIKA NETWORKS.
RUTX08 TELTONIKA-RUTX08 Datasheet
994Kb / 13P
RUTX08
RUTX08000000 TELTONIKA-RUTX08000000 Datasheet
994Kb / 13P
RUTX08
RUTX09 TELTONIKA-RUTX09 Datasheet
1Mb / 14P
RUTX09
RUTX09000000 TELTONIKA-RUTX09000000 Datasheet
1Mb / 14P
RUTX09
RUTX10 TELTONIKA-RUTX10 Datasheet
1,018Kb / 13P
RUTX10 (ROUTER W/ BT & WIFI & US
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com