Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G66 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

SN74LVC1G66 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # SN74LVC1G66
Download  SN74LVC1G66 Download
File Size   348.51 Kbytes
Page   20 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description SN74LVC1G66

SN74LVC1G66 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G66 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # SN74LVC1G66
Download  SN74LVC1G66 Click to download

File Size   348.51 Kbytes
Page   20 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description SN74LVC1G66

SN74LVC1G66 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


SN74LVC1G66 Product details

Features
• 1.65-V to 5.5-V VCC Operation
• Inputs Accept Voltages to 5.5 V
• Max tpd of 0.8 ns at 3.3 V
• High On-Off Output Voltage Ratio
• High Degree of Linearity
• High Speed, Typically 0.5 ns (VCC = 3 V,
CL = 50 pF)
• Low ON-State Resistance, Typically ≉5.5 Ω (VCC
= 4.5 V)
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

Description
This single analog switch is designed for 1.65-V to
5.5-V VCC operation.
The SN74LVC1G66 device can handle analog and
digital signals. The device permits bidirectional
transmission of signals with amplitudes of up to 5.5 V
(peak).
NanoFree package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.

Applications
• Wireless Devices
• Audio and Video Signal Routing
• Portable Computing
• Wearable Devices
• Signal Gating, Chopping, Modulation or
Demodulation (Modem)
• Signal Multiplexing for Analog-to-Digital and
Digital-to-Analog Conversion Systems




Similar Part No. - SN74LVC1G66

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G66 TI-SN74LVC1G66 Datasheet
387Kb / 17P
SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66 Datasheet
688Kb / 20P
SINGLE BILATERAL ANALOG SWITCH
logo
TECH PUBLIC Electronics...
SN74LVC1G66 TECHPUBLIC-SN74LVC1G66 Datasheet
3Mb / 8P
SINGLE BILATRAL ANALOG SWITCH
SN74LVC1G66 TECHPUBLIC-SN74LVC1G66 Datasheet
5Mb / 11P
SINGLE BILATRAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1 Datasheet
187Kb / 11P
SINGLE BILATERAL ANALOG SWITCH
More results


Similar Description - SN74LVC1G66

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G66 TI-SN74LVC1G66_15 Datasheet
1Mb / 33P
SN74LVC1G66 Single Bilateral Analog Switch
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1_15 Datasheet
968Kb / 24P
SN74LVC1G66-Q1 Single Bilateral Analog Switch
SN74LVC1G66 TI1-SN74LVC1G66_16 Datasheet
1Mb / 33P
SN74LVC1G66 Single Bilateral Analog Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com