Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P586-006-DVI Datasheet (PDF) - Tripp Lite. All Rights Reserved

P586-006-DVI Datasheet PDF - Tripp Lite. All Rights Reserved
Part # P586-006-DVI
Download  P586-006-DVI Download
File Size   43.98 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Mini DisplayPort 1.2 to DVI Adapter Cable (M/M), 1080p, 6 ft. (1.8 m)

P586-006-DVI Datasheet (PDF)

Go To PDF Page Download Datasheet
P586-006-DVI Datasheet PDF - Tripp Lite. All Rights Reserved

Part # P586-006-DVI
Download  P586-006-DVI Click to download

File Size   43.98 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Mini DisplayPort 1.2 to DVI Adapter Cable (M/M), 1080p, 6 ft. (1.8 m)

P586-006-DVI Datasheet (HTML) - Tripp Lite. All Rights Reserved


P586-006-DVI Product details

Description
The P586-006-DVI Mini-DisplayPort to DVI cable allows you to connect a computer with Mini-DisplayPort
video output to a DVI-enabled Mmonitor. It features a low-profile DVI connector that fits neatly into the
available monitor space without jamming between the wall and the back of the display or impeding
neighboring connectors. Male to Male design eliminates the need for separate adapter and cable. In-line
passive adapter is designed for use with Dual Mode ( DP++) DisplayPort graphics cards. Supports 1920 x
1200 resolution, as well as HDTV 1080p .
Features
l 6-ft. (1.83 m) Mini Displayport to DVI Adapter cable
l Supports 1080P video, as well as audio ( if video card enabled )
l Low-profile DVI connector fits neatly into available space; no jamming between wall and monitor or impeding neighboring connections
l In-line Passive adapter
l Plug-and-Play
l This product is a passive adapter and requires that the connected computer has a DP++ (DisplayPort
++) dual-mode port




Similar Part No. - P586-006-DVI

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P586-006-DVI TRIPPLITE-P586-006-DVI Datasheet
162Kb / 2P
Mini DisplayPort to DVI Cable Adapter (M/M), 6-ft.
P586-006-DVI-V2 TRIPPLITE-P586-006-DVI-V2 Datasheet
497Kb / 2P
Mini DisplayPort 1.2 to DVI Active Adapter Cable, Mini DP to DVI (M/M), 1920 x 1080/1080p, 6 ft.
P586-006-DVI-V2 TRIPPLITE-P586-006-DVI-V2 Datasheet
25Kb / 3P
Mini DisplayPort 1.2 to DVI Active Adapter Cable (M/M), 1080p, 6 ft. (1.8 m)
P586-006-DVI-V2 TRIPPLITE-P586-006-DVI-V2_V01 Datasheet
25Kb / 3P
Mini DisplayPort 1.2 to DVI Active Adapter Cable (M/M), 1080p, 6 ft. (1.8 m)
More results


Similar Description - P586-006-DVI

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P586006DVI TRIPPLITE-P586006DVI Datasheet
498Kb / 2P
Mini DisplayPort to DVI Cable Adapter (M-M), 6-ft
P581-006-V2 TRIPPLITE-P581-006-V2 Datasheet
497Kb / 2P
DisplayPort 1.2 to DVI Active Adapter Cable, DP with Latches to DVI (M/M), 1920x1200/1080p, 6 ft.
P586-006-DVI-V2 TRIPPLITE-P586-006-DVI-V2 Datasheet
497Kb / 2P
Mini DisplayPort 1.2 to DVI Active Adapter Cable, Mini DP to DVI (M/M), 1920 x 1080/1080p, 6 ft.
P586-003-DVI TRIPPLITE-P586-003-DVI Datasheet
163Kb / 2P
Mini DisplayPort to DVI Adapter Cable (M/M), 1080p, 3 ft.
P586-006-DVI TRIPPLITE-P586-006-DVI Datasheet
162Kb / 2P
Mini DisplayPort to DVI Cable Adapter (M/M), 6-ft.
P586-010-DVI TRIPPLITE-P586-010-DVI Datasheet
164Kb / 3P
Mini DisplayPort to DVI Adapter Cable (M/M), 1080p, 10 ft.
P586-003-DVI-V2 TRIPPLITE-P586-003-DVI-V2_V01 Datasheet
41Kb / 3P
Mini DisplayPort 1.2 to DVI Active Adapter Cable (M/M), 1080p, 3 ft. (0.9 m)
P586-006-DVI-V2 TRIPPLITE-P586-006-DVI-V2_V01 Datasheet
25Kb / 3P
Mini DisplayPort 1.2 to DVI Active Adapter Cable (M/M), 1080p, 6 ft. (1.8 m)
P586-006-VGA-V2 TRIPPLITE-P586-006-VGA-V2_V01 Datasheet
25Kb / 3P
Mini DisplayPort 1.2 to VGA Active Adapter Cable (M/M), 6 ft. (1.8 m)
P586-010-DVI TRIPPLITE-P586-010-DVI_V01 Datasheet
44Kb / 3P
Mini DisplayPort 1.2 to DVI Active Adapter Cable (M/M), 1080p, 10 ft. (3.1 m)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com