Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA42A Datasheet (PDF) - Cirrus Logic

PA42A Datasheet PDF - Cirrus Logic
Part # PA42A
Download  PA42A Download
File Size   113.35 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS

PA42A Datasheet (PDF)

Go To PDF Page Download Datasheet
PA42A Datasheet PDF - Cirrus Logic

Part # PA42A
Download  PA42A Click to download

File Size   113.35 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS

PA42A Datasheet (HTML) - Cirrus Logic


PA42A Product details

DESCRIPTION

The PA41/42 are high voltage monolithic MOSFET operational amplifiers achieving performance features previously found only in hybrid designs while increasing reliability. Inputs are protected from excessive common mode and differential mode voltages. The safe operating area (SOA) has no second breakdown limitations and can be observed with all type loads by choosing an appropriate current limiting resistor. External compensation provides the user flexibility in choosing optimum gain and bandwidth for the application.



FEATURES

• MONOLITHIC MOS TECHNOLOGY

• LOW COST

• HIGH VOLTAGE OPERATION—350V

• LOW QUIESCENT CURRENT—2mA

• NO SECOND BREAKDOWN

• HIGH OUTPUT CURRENT—120 mA PEAK

• AVAILABLE IN DIE FORM—PA41DIE



APPLICATIONS

• PIEZO ELECTRIC POSITIONING

• ELECTROSTATIC TRANSDUCER & DEFLECTION

• DEFORMABLE MIRROR FOCUSING

• BIOCHEMISTRY STIMULATORS

• COMPUTER TO VACUUM TUBE INTERFACE



 




Similar Part No. - PA42A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA4201 PROTEC-PA4201 Datasheet
126Kb / 7P
PUNK POP-UP NOISE KILLER
PA4201 PROTEC-PA4201 Datasheet
1,004Kb / 8P
Pop-Up-Noise Killer
PA4201 PROTEC-PA4201_09 Datasheet
1,004Kb / 8P
Pop-Up-Noise Killer
PA4220 PROTEC-PA4220 Datasheet
198Kb / 7P
Pop-Up and Shutdown Noise Suppressor
PA4220DN-T7 PROTEC-PA4220DN-T7 Datasheet
198Kb / 7P
Pop-Up and Shutdown Noise Suppressor
More results


Similar Description - PA42A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 APEX-PA94 Datasheet
224Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
PA15FL APEX-PA15FL Datasheet
275Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
High Voltage Power Operational Amplifiers
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
High Voltage Power Operational Amplifiers
More results




About Cirrus Logic


Cirrus Logic is a fabless semiconductor company based in Austin, Texas that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs) for audio, industrial, and energy markets. The company was founded in 1984 and has since become a leading provider of high-performance audio ICs for a variety of applications.

Cirrus Logic's products are used in a wide range of audio applications, including portable audio devices, automotive audio systems, and home theater systems. The company's audio ICs are known for their high quality, low power consumption, and advanced signal processing capabilities, and are used by customers around the world.

In addition to its audio ICs, Cirrus Logic also offers a range of ICs for industrial and energy markets, including motor control, power management, and LED lighting applications. The company has a strong focus on research and development, and is committed to developing innovative new products that meet the evolving needs of its customers.

Cirrus Logic has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 60 countries worldwide. The company is committed to providing high-quality products and services to its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com