Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB-RS232-CC-LLLL-CU-PWR Datasheet (PDF) - Future Technology Devices International Ltd.

USB-RS232-CC-LLLL-CU-PWR Datasheet PDF - Future Technology Devices International Ltd.
Part # USB-RS232-CC-LLLL-CU-PWR
Download  USB-RS232-CC-LLLL-CU-PWR Download
File Size   367.33 Kbytes
Page   15 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description Future Technology Devices International Ltd USB to RS232 Serial Converter Range of Cables

USB-RS232-CC-LLLL-CU-PWR Datasheet (PDF)

Go To PDF Page Download Datasheet
USB-RS232-CC-LLLL-CU-PWR Datasheet PDF - Future Technology Devices International Ltd.

Part # USB-RS232-CC-LLLL-CU-PWR
Download  USB-RS232-CC-LLLL-CU-PWR Click to download

File Size   367.33 Kbytes
Page   15 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description Future Technology Devices International Ltd USB to RS232 Serial Converter Range of Cables

USB-RS232-CC-LLLL-CU-PWR Datasheet (HTML) - Future Technology Devices International Ltd.


USB-RS232-CC-LLLL-CU-PWR Product details

Features
- USB-RS232 converter cable provides a USB to RS232 serial interface with customised end connectors.
- Entire USB protocol handled by the electronics in the cable USB.
- EIA/TIA-232 and V.28/V.24 communication interface with low power requirements.
- UART interface support for 7 or 8 data bits, 1 or 2 stop bits and odd / even / mark / space / no parity.
- Internal EEPROM with user writeable area.
- FTDI’s royalty-free VCP allow for communication as a standard emulated COM port and D2XX ‘direct’ drivers provide DLL application programming interface.
- Visual indication of Tx and Rx traffic via LEDs in the transparent USB connector.
- Fully assisted hardware (RTS#/CTS#) or X-On / X-Off software handshaking.
- Data transfer rates from 300 baud to 1 Mbaud.
- Support for FT232R FTDIChip-ID™ feature for improved security.
- Low USB bandwidth consumption.
- UHCI / OHCI / EHCI host controller compatible.
- USB 2.0 Full Speed compatible.
- -40°C to +85°C operating temperature range.
- Cable length is 1.80m (6 feet).
- ESD Protection for RS-232 I/O's
±15kV Human Body Model (HBM)
±15kV EN61000-4-2 Air Gap Discharge
±8kV EN61000-4-2 Contact Discharge
- FCC and CE compliant.
- Custom versions available on request (subject to MOQ).




Similar Part No. - USB-RS232-CC-LLLL-CU-PWR

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
USB-RS232-CC-LLLL-CU-PWR FTDI-USB-RS232-CC-LLLL-CU-PWR Datasheet
368Kb / 15P
Serial Converter Range of Cables
USB-RS232-CC-LLLL-CU-PWR FTDI-USB-RS232-CC-LLLL-CU-PWR Datasheet
368Kb / 15P
Future Technology Devices International Ltd USB to RS232 Serial Converter Range of Cables
2010
More results


Similar Description - USB-RS232-CC-LLLL-CU-PWR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DS_USB_RS232_PCB ETC2-DS_USB_RS232_PCB Datasheet
423Kb / 16P
Future Technology Devices International Ltd USB to RS232 UART Serial Converter PCB Datasheet
FT232H ETC2-FT232H Datasheet
1Mb / 66P
Future Technology Devices International Ltd
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
Future Technology Devices International Ltd.
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
Future Technology Devices International Ltd.
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
Future Technology Devices International Ltd.
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
Future Technology Devices International Ltd.
FT_000077 FTDI-FT_000077 Datasheet
368Kb / 15P
Future Technology Devices International Ltd USB to RS232 Serial Converter Range of Cables
2010
FT-000117 FTDI-FT-000117 Datasheet
512Kb / 16P
Future Technology Devices International Ltd USB to RS485 Serial Converter Cable
27th July 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com