Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR64DD28 Datasheet (PDF) - Microchip Technology

AVR64DD28 Datasheet PDF - Microchip Technology
Part # AVR64DD28
Download  AVR64DD28 Download
File Size   10038.68 Kbytes
Page   603 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description AVR® DD Family

AVR64DD28 Datasheet (PDF)

Go To PDF Page Download Datasheet
AVR64DD28 Datasheet PDF - Microchip Technology

Part # AVR64DD28
Download  AVR64DD28 Click to download

File Size   10038.68 Kbytes
Page   603 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description AVR® DD Family

AVR64DD28 Datasheet (HTML) - Microchip Technology


AVR64DD28 Product details

Features
• AVR® CPU
– Running at up to 24 MHz
– Single-cycle I/O access
– Two-level interrupt controller
– Two-cycle hardware multiplier
– Supply voltage range: 1.8V to 5.5V
• Memories
– Up to 32 KB in-system self-programmable Flash memory
– 256B EEPROM
– Up to 4 KB SRAM
– 32B of user row in nonvolatile memory that can keep data during chip erase and can be programmed while
the device is locked
– Write/erase endurance
• Flash 1,000 cycles
• EEPROM 100,000 cycles
– Data retention: 40 years at 55°C
• System
– Power-on Reset (POR) circuit
– Brown-out Detector (BOD)
– Clock options
• High-precision internal high-frequency oscillator with selectable frequency up to 24 MHz (OSCHF)
– Auto-tuning for improved internal oscillator accuracy
• Internal PLL up to 48 MHz for high-frequency operation of Timer/Counter type D (PLL)
• 32.768 kHz ultra-low power internal oscillator (OSC32K)
• 32.768 kHz external crystal oscillator (XOSC32K)
• External clock input
• External high-frequency crystal oscillator (XOSCHF) with Clock Failure Detection
– Single-pin Unified Program and Debug Interface (UPDI)
– Three sleep modes
• Idle with all peripherals running for immediate wake-up
• Standby with a configurable operation of selected peripherals
• Power-Down with full data retention
– Automated Cyclic Redundancy Check (CRC) Flash memory scan
– Watchdog Timer (WDT) with Window mode, with a separate on-chip oscillator
– External interrupt on all general purpose pins
• Peripherals
– One 16-bit Timer/Counter type A (TCA) with three compare channels for PWM and waveform generation
– Two 16-bit Timer/Counter type B (TCB) with input capture and signal measurements
– One 12-bit PWM Timer/Counter type D (TCD) optimized for power control
– One 16-bit Real-Time Counter (RTC) that can run from an external crystal or internal oscillator
– Two USARTs
• Operation modes: RS-485, LIN client, host SPI, and IrDA
• Fractional baud rate generator, auto-baud, and start-of-frame detection
– One SPI with host/client operation modes
– One Two-Wire Interface (TWI) with dual address match
• Simultaneous host/client operation (Dual mode)
• Philips I2C compatible
• Standard mode (Sm, 100 kHz)
• Fast mode (Fm, 400 kHz)
• Fast mode Plus (Fm+, 1 MHz)
– Event System for CPU independent and predictable inter-peripheral signaling
– Configurable Custom Logic (CCL) with four programmable Look-up Tables (LUTs)
– One 12-bit differential 130 ksps Analog-to-Digital Converter (ADC)
– One 10-bit Digital-to-Analog Converter (DAC)
– One Analog Comparator (AC)
– One Zero-Cross Detector (ZCD)
– Internal 1.024V, 2.048V, 2.500V and 4.096V voltage references, and external reference option (VREF)
• I/O and Packages:
– Multi-Voltage I/O (MVIO) on I/O port C
– Selectable input voltage threshold
– Up to 17/16 programmable I/O pins
– 20-pin VQFN 3x3 mm
– 20-pin SOIC
– 14-pin SOIC
• Temperature Ranges:
– Industrial: -40°C to +85°C
– Extended: -40°C to +125°C




Similar Part No. - AVR64DD28

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AVR64DD28 MICROCHIP-AVR64DD28 Datasheet
9Mb / 603P
AVR® DD Family
AVR64DD28-E/SO MICROCHIP-AVR64DD28-E/SO Datasheet
7Mb / 614P
AVR® DD Family
Rev. B - 04/2022
AVR64DD28-E/SP MICROCHIP-AVR64DD28-E/SP Datasheet
7Mb / 614P
AVR® DD Family
Rev. B - 04/2022
AVR64DD28-E/SS MICROCHIP-AVR64DD28-E/SS Datasheet
7Mb / 614P
AVR® DD Family
Rev. B - 04/2022
AVR64DD28-E/STX MICROCHIP-AVR64DD28-E/STX Datasheet
7Mb / 614P
AVR® DD Family
Rev. B - 04/2022
More results


Similar Description - AVR64DD28

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AVR32DB28 MICROCHIP-AVR32DB28 Datasheet
5Mb / 654P
AVR DB Family
2021
AVR64DB28 MICROCHIP-AVR64DB28 Datasheet
5Mb / 665P
AVR DB Family
2021
ATMEGA48A MICROCHIP-ATMEGA48A Datasheet
33Mb / 662P
High Performance, Low Power AVR® 8-Bit Microcontroller Family
2018
ATTINY1624 MICROCHIP-ATTINY1624 Datasheet
3Mb / 522P
tinyAVR® 2 Family
Rev.A - 07/2020
logo
Cree, Inc
XMLAWT-00-0000-0000U2051 CREE-XMLAWT-00-0000-0000U2051 Datasheet
1Mb / 22P
Cree® XLamp® XM Family LEDs
2010-2016
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
M480 NUVOTON-M480_V02 Datasheet
12Mb / 525P
NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03
logo
II-VI Marlow, Inc.
FTCD8613E2PCM VIMARLOW-FTCD8613E2PCM Datasheet
518Kb / 10P
400G-SR8 QSFP-DD Finisar® Transceiver
June 2022
logo
Microchip Technology
AVR64DD32 MICROCHIP-AVR64DD32 Datasheet
7Mb / 614P
AVR® DD Family
Rev. B - 04/2022
AVR32DD20T MICROCHIP-AVR32DD20T Datasheet
9Mb / 603P
AVR® DD Family
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com