Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP132C18D4 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TP132C18D4 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TP132C18D4
Download  TP132C18D4 Download
File Size   3905.53 Kbytes
Page   12 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 300mA 2uA Higt PSRR Voltage Reaulalorsl

TP132C18D4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TP132C18D4 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TP132C18D4
Download  TP132C18D4 Click to download

File Size   3905.53 Kbytes
Page   12 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 300mA 2uA Higt PSRR Voltage Reaulalorsl

TP132C18D4 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TP132C18D4 Product details

Features
2pA Ground Current at no Load
+2% Output Accuracy
300mA Output Current
10nA Disable Current (by option)
Wide Operating Input Voltage Range: 1.2V to 5.5V
Dropout Voltage: 0.18V at 300mA (Vour=3.3V)
Support Fixed Output Voltage 0.8V, 0.9V, 1.2V, 1.5V,
1.8V, 2.5V, 2.8V, 3.0V, 3.3V
Adjustable Output Voltage Available by Specific
Application
Stable with Ceramic or Tantalum Capacitor
Current Limit Protection
Over-Temperature Protection
SOT-23-3, SOT-23-5, DFN-4L 1x1 and DFN-6L 2x2
Packages Available




Similar Part No. - TP132C18D4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TP13054A TI-TP13054A Datasheet
249Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP13054ADW TI-TP13054ADW Datasheet
249Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP13054AN TI-TP13054AN Datasheet
249Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP13054B TI-TP13054B Datasheet
249Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP13054B TI1-TP13054B Datasheet
250Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results


Similar Description - TP132C18D4

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPLP2992IM5X-3.3 TECHPUBLIC-TPLP2992IM5X-3.3 Datasheet
4Mb / 8P
24V,300mA,2uA, Higt PSRR Voltage Reaulator
TPLP5907MFX TECHPUBLIC-TPLP5907MFX Datasheet
6Mb / 10P
300mA 2uA Higt PSRR Voltage Regulator
TPNCP718ASN330T1G TECHPUBLIC-TPNCP718ASN330T1G Datasheet
4Mb / 8P
24V,300mA,2uA, Higt PSRR Voltage Reaulator
TPS793 TECHPUBLIC-TPS793 Datasheet
6Mb / 10P
300mA 2uA Higt PSRR Voltage Regulator
TPS799 TECHPUBLIC-TPS799 Datasheet
6Mb / 10P
300mA 2uA Higt PSRR Voltage Regulator
TPMIC5235-5.0YM5 TECHPUBLIC-TPMIC5235-5.0YM5 Datasheet
2Mb / 8P
24V,300mA,2uA, Higt PSRR Voltage Reaulator
TPMIC5255-3.3YM5 TECHPUBLIC-TPMIC5255-3.3YM5 Datasheet
2Mb / 6P
300mA 2uA Higt PSRR Voltage Reaulator
TPLP2992IM5X-2.5 TECHPUBLIC-TPLP2992IM5X-2.5 Datasheet
2Mb / 8P
24V ,300mA,2uA, Higt PSRR Voltage Reaulator
TPNCP718ASN250T1G TECHPUBLIC-TPNCP718ASN250T1G Datasheet
2Mb / 6P
24V ,300mA,2uA, Higt PSRR Voltage Reaulator
XC6204B252MR TECHPUBLIC-XC6204B252MR Datasheet
2Mb / 8P
24V ,300mA,2uA, Higt PSRR Voltage Reaulator|
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com