Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPE03GHC Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPE03GHC Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPE03GHC
Download  TPE03GHC Download
File Size   1023.18 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Bi-directional Diode

TPE03GHC Datasheet (PDF)

Go To PDF Page Download Datasheet
TPE03GHC Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPE03GHC
Download  TPE03GHC Click to download

File Size   1023.18 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Bi-directional Diode

TPE03GHC Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPE03GHC Product details

Features
* 450W peak pulse power (8/20us)
= Protects one data or power line
* Operating voltage: 3.3V
+ Ultra low clamping voltage
* Complies with following standards:
—IEC 61000-4-2 (ESD) immunity test
Air discharge: £30kV
Contact discharge: £30kV
—IEC61000-4-4 (EFT) 80A (5/50ns)
—IEC61000-4-5 (SURGE) 38A (8/20us)




Similar Part No. - TPE03GHC

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPE03GBP2 TECHPUBLIC-TPE03GBP2 Datasheet
615Kb / 4P
1-Line Bi-directional TVS Diode
More results


Similar Description - TPE03GHC

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PTVS0542H100 LEIDITECH-PTVS0542H100 Datasheet
4Mb / 4P
1-Line Bi-directional TVS Diode
SD05CB LEIDITECH-SD05CB Datasheet
801Kb / 4P
1-Line Bi-directional Diode
logo
TECH PUBLIC Electronics...
PESD3V3L1BA TECHPUBLIC-PESD3V3L1BA Datasheet
2Mb / 4P
1-Line Bi-directional Diode
PESD12VL1BA TECHPUBLIC-PESD12VL1BA Datasheet
994Kb / 4P
1-Line Bi-directional Diode
PSD03C TECHPUBLIC-PSD03C Datasheet
1,010Kb / 4P
1-Line Bi-directional Diode
SD03C TECHPUBLIC-SD03C Datasheet
964Kb / 4P
1-Line Bi-directional Diode
TPE12EC TECHPUBLIC-TPE12EC Datasheet
2Mb / 4P
1-Line Bi-directional Diode
TPPESD3V3L1BA TECHPUBLIC-TPPESD3V3L1BA Datasheet
1Mb / 4P
1-Line Bi-directional Diode
SMF3.3CA TECHPUBLIC-SMF3.3CA Datasheet
14Mb / 4P
1-Line Bi-directional Diode
PSD12C TECHPUBLIC-PSD12C Datasheet
1Mb / 4P
1-Line Bi-directional Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com