Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTD1898 Datasheet (PDF) - Nanjing International Group Co

KTD1898 Datasheet PDF - Nanjing International Group Co
Part # KTD1898
Download  KTD1898 Download
File Size   496.12 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description Power Transistor

KTD1898 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTD1898 Datasheet PDF - Nanjing International Group Co

Part # KTD1898
Download  KTD1898 Click to download

File Size   496.12 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description Power Transistor

KTD1898 Datasheet (HTML) - Nanjing International Group Co


KTD1898 Product details

FEATURES
High VCEO,VCEO=80V.
High IC,IC=1A(DC).
Good HFE Linearity.
Low VCE(sat).
Complement the 2SB1260.
APPLICATIONS
NPN silicon transistor.




Similar Part No. - KTD1898

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD1898 KEC-KTD1898 Datasheet
118Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
logo
Weitron Technology
KTD1898 WEITRON-KTD1898 Datasheet
175Kb / 4P
Epitaxial Planar NPN Transistors
logo
Shenzhen Jin Yu Semicon...
KTD1898 HTSEMI-KTD1898 Datasheet
505Kb / 1P
TRANSISTOR (NPN)
logo
SeCoS Halbleitertechnol...
KTD1898 SECOS-KTD1898 Datasheet
77Kb / 1P
1A , 100V NPN Plastic Encapsulated Transistor
logo
SHENZHEN YONGERJIA INDU...
KTD1898 WINNERJOIN-KTD1898 Datasheet
127Kb / 1P
TRANSISTOR (NPN)
More results


Similar Description - KTD1898

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
POWER TRANSISTOR
1995
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
Power transistor
15-Nov-2006
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
POWER TRANSISTOR
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
Power Transistor
2SD2114K KEXIN-2SD2114K Datasheet
36Kb / 1P
Power Transistor
2SB1260 KEXIN-2SB1260 Datasheet
51Kb / 1P
Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
Power Transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
Power Transistor
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
Power Transistor
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com