Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3981 Datasheet (PDF) - Maxim Integrated Products

MAX3981 Datasheet PDF - Maxim Integrated Products
Part # MAX3981
Download  MAX3981 Download
File Size   362.41 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.125Gbps XAUI Quad Cable Equalizer

MAX3981 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3981 Datasheet PDF - Maxim Integrated Products

Part # MAX3981
Download  MAX3981 Click to download

File Size   362.41 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.125Gbps XAUI Quad Cable Equalizer

MAX3981 Datasheet (HTML) - Maxim Integrated Products


MAX3981 Product details

General Description

The MAX3981 quad equalizer provides compensation for transmission medium losses for four “lanes” of digital NRZ data at a data rate of 3.125Gbps in one package. It is tailor-made for 10Gigabit Ethernet applications that require attenuation of noise and jitter that occur in communicating with chassis-to-chassis inter connect. In support of IEEE-802.3ae for the XAUI interface, the MAX3981 adaptively allows XAUI lanes to reach 10m (33ft) with inexpensive twin-axial cable for extended backplane applications.



Features

♦Four Differential Digital Data “Lanes” at 3.125Gbps

♦Span 10m (33ft) of Twin-Axial Cable

♦Receiver Equalization Reduces Intersymbol Interference (ISI)

♦Low Power, 175mW per Channel

♦Standby Mode—Power-Down State

♦Single 3.3V Supply

♦Signal Detect



Applications

IEEE–802.3ae XAUI Interface (3.125Gbps)

InfiniBand (2.5Gbps)




Similar Part No. - MAX3981

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3981 MAXIM-MAX3981 Datasheet
510Kb / 9P
3.125Gbps XAUI Quad Cable Equalizer
Rev 2; 12/08
MAX3981UGH MAXIM-MAX3981UGH Datasheet
510Kb / 9P
3.125Gbps XAUI Quad Cable Equalizer
Rev 2; 12/08
MAX3981 MAXIM-MAX3981_08 Datasheet
510Kb / 9P
3.125Gbps XAUI Quad Cable Equalizer
Rev 2; 12/08
More results


Similar Description - MAX3981

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3802 MAXIM-MAX3802 Datasheet
830Kb / 12P
3.2Gbps Quad Adaptive Cable Equalizer with Cable Driver
19-2289; Rev 0; 1/02
MAX3803 MAXIM-MAX3803 Datasheet
254Kb / 8P
DC-Coupled, UCSP 3.125Gbps Equalizer
19-2699; Rev 0; 2/03
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400 Datasheet
1Mb / 16P
Programmable Quad Equalizer
logo
Maxim Integrated Produc...
MAX3980 MAXIM-MAX3980 Datasheet
436Kb / 9P
3.125Gbps XAUI Quad Equalizer
Rev 3; 12/08
MAX3981 MAXIM-MAX3981_08 Datasheet
510Kb / 9P
3.125Gbps XAUI Quad Cable Equalizer
Rev 2; 12/08
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400_08 Datasheet
963Kb / 18P
Programmable Quad Equalizer
DS64EV400 NSC-DS64EV400 Datasheet
1Mb / 18P
Programmable Quad Equalizer
logo
Texas Instruments
DS32EV400 TI1-DS32EV400_14 Datasheet
1Mb / 23P
DisplayPort??Quad Equalizer
TLK10034 TI1-TLK10034_15 Datasheet
1Mb / 168P
Quad-Channel XAUI/10GBASE-KR Transceiver
DS32EV400 TI1-DS32EV400_15 Datasheet
1Mb / 24P
DisplayPort??Quad Equalizer
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com