Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPESD0524J Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPESD0524J Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPESD0524J
Download  TPESD0524J Download
File Size   1892.64 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capactitance 4-Line Uni-directional TVS Diode

TPESD0524J Datasheet (PDF)

Go To PDF Page Download Datasheet
TPESD0524J Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPESD0524J
Download  TPESD0524J Click to download

File Size   1892.64 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capactitance 4-Line Uni-directional TVS Diode

TPESD0524J Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPESD0524J Product details

Features
Ultra low capacitance: 0.3pF typical (I/0 to I/0)
Ultra low leakage: nA level
Low operating voltage: 5V
Low clamping voltage
Up to 4 data lines and one power line protects
Complies with following standards:
—1EC 61000-4-2 (ESD) immunity test
Air discharge: +25kV
Contact discharge: +20kV
—1EC61000-4-4 (EFT) 40A (5/50ns)
—IEC61000-4-5 (Lightning) : 4.5A(8/20ps)
ROHS Compliant




Similar Part No. - TPESD0524J

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPESD0522P TECHPUBLIC-TPESD0522P Datasheet
1Mb / 4P
Low Capacitance TVS Diode
More results


Similar Description - TPESD0524J

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
ULC0544P10 TECHPUBLIC-ULC0544P10 Datasheet
2Mb / 5P
Low Capactitance 4-Line Uni-directional TVS Diode
AZ1045-04F-P TECHPUBLIC-AZ1045-04F-P Datasheet
1Mb / 5P
Low Capactitance 4-Line Uni-directional TVS diode
AZ1045-04F TECHPUBLIC-AZ1045-04F Datasheet
1Mb / 5P
Low Capactitance 4-Line Uni-directional TVS diode
AZ1345-04F-P TECHPUBLIC-AZ1345-04F-P Datasheet
1Mb / 5P
Low Capactitance 4-Line Uni-directional TVS diode
ESD0524P TECHPUBLIC-ESD0524P Datasheet
1Mb / 5P
Low Capactitance 4-Line Uni-directional TVS Diode
ESD8104MUTAG-P TECHPUBLIC-ESD8104MUTAG-P Datasheet
1Mb / 4P
Low Capactitance 4-Line Uni-directional TVS Diode
ESDA6V8UD-TP TECHPUBLIC-ESDA6V8UD-TP Datasheet
1Mb / 5P
Low Capactitance 4-Line Uni-directional TVS Diode
RCLAMP0524J TECHPUBLIC-RCLAMP0524J Datasheet
1Mb / 6P
Low Capactitance 4-Line Uni-directional TVS Diode
RCLAMP0524PATCT TECHPUBLIC-RCLAMP0524PATCT Datasheet
1Mb / 5P
Low Capactitance 4-Line Uni-directional TVS Diode
TPAZ176S-04F TECHPUBLIC-TPAZ176S-04F Datasheet
1Mb / 4P
Low Capactitance 4-Line Uni-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com