Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1898 Datasheet (PDF) - Nanjing International Group Co

2SD1898 Datasheet PDF - Nanjing International Group Co
Part # 2SD1898
Download  2SD1898 Download
File Size   777.43 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description Power Transistor(80V,1A)

2SD1898 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1898 Datasheet PDF - Nanjing International Group Co

Part # 2SD1898
Download  2SD1898 Click to download

File Size   777.43 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description Power Transistor(80V,1A)

2SD1898 Datasheet (HTML) - Nanjing International Group Co


2SD1898 Product details

FEATURES
High VCEO,VCEO=80V.
High IC,IC=1A(DC).
Good HFE Linearity.
Low VCE(sat).
Complement the 2SB1260.
APPLICATIONS
NPN silicon transistor.




Similar Part No. - 2SD1898

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1898 ROHM-2SD1898 Datasheet
89Kb / 4P
Power Transistor (80V, 1A)
logo
Weitron Technology
2SD1898 WEITRON-2SD1898 Datasheet
112Kb / 4P
Epitaxial Planar NPN Transistors
logo
Unisonic Technologies
2SD1898 UTC-2SD1898 Datasheet
123Kb / 3P
POWER TRANSISTOR
logo
Rohm
2SD1898 ROHM-2SD1898 Datasheet
96Kb / 5P
Power Transistor (80V, 1A)
2SD1898 ROHM-2SD1898 Datasheet
120Kb / 4P
Power Transistor (80V, 1A)
More results


Similar Description - 2SD1898

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1898 ROHM-2SD1898 Datasheet
89Kb / 4P
Power Transistor (80V, 1A)
2SD1898 ROHM-2SD1898_1 Datasheet
96Kb / 5P
Power Transistor (80V, 1A)
2SB1260 ROHM-2SB1260_09 Datasheet
203Kb / 3P
Power Transistor (-80V, -1A)
2SD1898 ROHM-2SD1898_09 Datasheet
177Kb / 4P
Power Transistor (80V, 1A)
2SD1898 ROHM-2SD1898_11 Datasheet
120Kb / 4P
Power Transistor (80V, 1A)
logo
Littelfuse
2SD1733TLQ LITTELFUSE-2SD1733TLQ Datasheet
112Kb / 4P
Power Transistor (80V, 1A)
logo
Rohm
2SD1733TLR ROHM-2SD1733TLR Datasheet
112Kb / 4P
Power Transistor (80V, 1A)
2SD1898T100R ROHM-2SD1898T100R Datasheet
112Kb / 4P
Power Transistor (80V, 1A)
logo
Galaxy Semi-Conductor H...
2SB1260 BILIN-2SB1260 Datasheet
188Kb / 4P
Power Transistor(-80V,-1A)
Rev.A
logo
Nanjing International G...
2SB1260 DGNJDZ-2SB1260 Datasheet
612Kb / 4P
Power Transistor(-80V,-1A)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com