Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1419726 Datasheet (PDF) - PHOENIX CONTACT

1419726 Datasheet PDF - PHOENIX CONTACT
Part # 1419726
Download  1419726 Download
File Size   470.94 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-M12MS-17CON-M16/0,5 - Device connector, rear mounting

1419726 Datasheet (PDF)

Go To PDF Page Download Datasheet
1419726 Datasheet PDF - PHOENIX CONTACT

Part # 1419726
Download  1419726 Click to download

File Size   470.94 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-M12MS-17CON-M16/0,5 - Device connector, rear mounting

1419726 Datasheet (HTML) - PHOENIX CONTACT


1419726 Product details

Device connector, rear mounting, Universal, 17-position, Flush-type male connector, straight,
M12-SPEEDCON, coding: A , on free cable end, Rear mounting, M16 x 1.5, Individual wires,
cable length: 0.5 m, 0.14 mm2, TPE litz wire, Alternative product in accordance with RoHS II
without Exemption 6c (Pb <0.1%) item no.: 1239283

Your advantages
• Pre-assembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• All standard pin assignments and codings for signal, data, and power transmission with a uniform design-in design
• For high transmission safety: shield connection to the housing with optional EMC nut
• SPEEDCON fast locking system reduces cabling times




Similar Part No. - 1419726

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1419721 PHOENIX-1419721 Datasheet
88Kb / 2P
D-SUB sleeve housings - CUC-DST-GPME-A/DSSC25
1419723 PHOENIX-1419723 Datasheet
278Kb / 5P
CUC-DST-GZNI-A/DSSC9 - D-SUB sleeve housings
1419727 PHOENIX-1419727 Datasheet
90Kb / 2P
D-SUB sleeve housings - CUC-DST-GZNI-S/DSSC25
1419728 PHOENIX-1419728 Datasheet
280Kb / 5P
CUC-DST-GZNI-A/DSSC25 - D-SUB sleeve housings
More results


Similar Description - 1419726

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1419629 PHOENIX-1419629 Datasheet
531Kb / 13P
SACC-DSI-M12MS-4CON-M16/0,5 - Device connector, rear mounting
1419645 PHOENIX-1419645 Datasheet
543Kb / 14P
SACC-DSI-M12MS-5CON-M16/0,5 - Device connector, rear mounting
1419700 PHOENIX-1419700 Datasheet
459Kb / 12P
SACC-DSI-M12MS-12CON-M16/0,5 - Device connector, rear mounting
1419739 PHOENIX-1419739 Datasheet
467Kb / 12P
SACC-DSI-M12FS-17CON-M16/0,5 - Device connector, rear mounting
1441804 PHOENIX-1441804 Datasheet
513Kb / 12P
SACC-DSI-M12MS-8CON-M16 - Device connector, rear mounting
1419742 PHOENIX-1419742 Datasheet
521Kb / 11P
SACC-DSI-M12MS-4CON-M16 - Device connector, rear mounting
1441765 PHOENIX-1441765 Datasheet
517Kb / 11P
SACC-DSI-M12MS-5CON-M16 - Device connector, rear mounting
1441972 PHOENIX-1441972 Datasheet
517Kb / 11P
SACC-DSI-M12FS-17CON-M16 SH - Device connector, rear mounting
1441969 PHOENIX-1441969 Datasheet
530Kb / 11P
SACC-DSI-M12MS-17CON-M16 SH - Device connector, rear mounting
1441846 PHOENIX-1441846 Datasheet
530Kb / 11P
SACC-DSI-M12MS-17CON-M16 - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com