Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP48NNDI Datasheet (PDF) - Weidmuller

TP48NNDI Datasheet PDF - Weidmuller
Part # TP48NNDI
Download  TP48NNDI Download
File Size   1083.4 Kbytes
Page   12 Pages
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller
Description Surge Protect ion Devices

TP48NNDI Datasheet (PDF)

Go To PDF Page Download Datasheet
TP48NNDI Datasheet PDF - Weidmuller

Part # TP48NNDI
Download  TP48NNDI Click to download

File Size   1083.4 Kbytes
Page   12 Pages
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller
Description Surge Protect ion Devices

TP48NNDI Datasheet (HTML) - Weidmuller


TP48NNDI Product details

SD Ser ies Data and Signal Protect ion
SLP Ser ies Data and Signal Protect ion
MA15 Ser ies AC and DC Power Protect ion
TP48 Ser ies Transmi t ter and Sensor Protect ion

Product Features:
• Range of ATEX Certified intrinsically safe surge protectors
• Ultra-slim and space saving designs; easy installation
• Multistage hybrid protection circuitry - 10kA maximum surge current
for SD Series, and 20kA maximum surge current for SLP Series
• Range of voltage ratings ideal for process I/O applications
• Designed for high bandwidth, low resistance applications; RTD,
Public Switch Telephone Network (PSTN) and 3-wire transmitter
versions available in SD Series
• Surge protection for two loops or one 4-wire circuit per
SLP Series module
• 10 year product warranty

Product Features:
• 18kA surge protection and RFI filtering
• Protects panel loads up to 15 Amps in series,
unlimited Amps in parallel
• Suitable for AC or DC application
• Thermal and short circuit protection
• LED status indication feature
• 10 year product warranty




Similar Part No. - TP48NNDI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP48 ETC-TP48 Datasheet
916Kb / 2P
1/4 WATT PRECISION THIN FILM RESISTORS
logo
3PEAK INC.
TP485E 3PEAK-TP485E Datasheet
570Kb / 15P
±18K ESD Protection, Bus-Polarity Correcting RS-485 Transceiver
Rev.A
TP485E-SR 3PEAK-TP485E-SR Datasheet
570Kb / 15P
±18K ESD Protection, Bus-Polarity Correcting RS-485 Transceiver
Rev.A
TP485E-VR 3PEAK-TP485E-VR Datasheet
570Kb / 15P
±18K ESD Protection, Bus-Polarity Correcting RS-485 Transceiver
Rev.A
More results


Similar Description - TP48NNDI

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
LVF-Q OKAYA-LVF-Q Datasheet
110Kb / 1P
SURGE PROTECTIVE DEVICES
R5K3 OKAYA-R5K3 Datasheet
234Kb / 2P
SURGE PROTECTIVE DEVICES
R26-900-BGL OKAYA-R26-900-BGL_14 Datasheet
84Kb / 1P
SURGE PROTECTIVE DEVICES
R28-900-BHL OKAYA-R28-900-BHL_14 Datasheet
75Kb / 1P
SURGE PROTECTIVE DEVICES
RHCA7044 OKAYA-RHCA7044 Datasheet
120Kb / 2P
SURGE PROTECTIVE DEVICES
RSP-485 OKAYA-RSP-485 Datasheet
176Kb / 1P
SURGE PROTECTIVE DEVICES
SV275DA-U4 OKAYA-SV275DA-U4 Datasheet
112Kb / 1P
SURGE PROTECTIVE DEVICES
ZP OKAYA-ZP Datasheet
163Kb / 2P
SURGE PROTECTIVE DEVICES
logo
Renesas Technology Corp
NSAD500F RENESAS-NSAD500F Datasheet
261Kb / 7P
SURGE ABSORBER DEVICES
2003
NSAD500H RENESAS-NSAD500H Datasheet
297Kb / 7P
SURGE ABSORBER DEVICES
2003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com