Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRB20150CT Datasheet (PDF) - Nanjing International Group Co

SRB20150CT Datasheet PDF - Nanjing International Group Co
Part # SRB20150CT
Download  SRB20150CT Download
File Size   1055.03 Kbytes
Page   7 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description 20A 150V SCHOTTKY RECTIFIER

SRB20150CT Datasheet (PDF)

Go To PDF Page Download Datasheet
SRB20150CT Datasheet PDF - Nanjing International Group Co

Part # SRB20150CT
Download  SRB20150CT Click to download

File Size   1055.03 Kbytes
Page   7 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description 20A 150V SCHOTTKY RECTIFIER

SRB20150CT Datasheet (HTML) - Nanjing International Group Co


SRB20150CT Product details

Features
Super Low Forward Voltage ( SLVF® ) Drop
Reliable High Temperature Operation
Softest, fast switching capability
150oC Operating Junction Temperature
Lead Free Finish, RoHS Compliant




Similar Part No. - SRB20150CT

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SRB20150 GWSEMI-SRB20150 Datasheet
66Kb / 2P
20.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SRB20150CT

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MBR20200CT DIGITRON-MBR20200CT Datasheet
548Kb / 3P
20A SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H60C GAMMA-GMR20H60C Datasheet
371Kb / 6P
20A SCHOTTKY RECTIFIER
logo
PFC Device Inc.
P20150E PFC-P20150E Datasheet
650Kb / 6P
20A 150V MOS Schottky Rectifier
PFR20L150CT PFC-PFR20L150CT Datasheet
775Kb / 7P
20A 150V MOS Schottky Rectifier
PFR20V150CT PFC-PFR20V150CT Datasheet
775Kb / 7P
20A 150V MOS Schottky Rectifier
PT20A150SP PFC-PT20A150SP Datasheet
723Kb / 5P
20A 150V HPTR Schottky Rectifier
PFR20150CT PFC-PFR20150CT Datasheet
775Kb / 7P
20A 150V MOS Schottky Rectifier
PTR20H150CT PFC-PTR20H150CT Datasheet
777Kb / 7P
20A 150V HPTR짰 Schottky Rectifier
logo
Shenzhen Luguang Electr...
SD20S150SL LUGUANG-SD20S150SL Datasheet
1Mb / 4P
20A/150V Low VF Schottky Rectifier
Revision:20181101-P1
logo
Nanjing International G...
SR10150CT DGNJDZ-SR10150CT Datasheet
1Mb / 7P
10A 150V SCHOTTKY RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com