Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS411A Datasheet (PDF) - Honeywell Solid State Electronics Center

SS411A Datasheet PDF - Honeywell Solid State Electronics Center
Part # SS411A
Download  SS411A Download
File Size   394.83 Kbytes
Page   7 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Temperature Compensated Digital Hall-Effect Sensor ICs

SS411A Datasheet (PDF)

Go To PDF Page Download Datasheet
SS411A Datasheet PDF - Honeywell Solid State Electronics Center

Part # SS411A
Download  SS411A Click to download

File Size   394.83 Kbytes
Page   7 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Temperature Compensated Digital Hall-Effect Sensor ICs

SS411A Datasheet (HTML) - Honeywell Solid State Electronics Center


SS411A Product details

DESCRIPTION
The SS400 Series sensor ICs are small, versatile, digital Hall-effect devices that are operated by the magnetic field from a permanent magnet or an electromagnet, and are designed to respond to alternating North and South poles or to a South pole only. Bipolar, latching and unipolar magnetics are available.
Band gap regulation provides stable operation over 3.8 Vdc to 30 Vdc supply voltage range. These sensors are capable of continuous 20 mA sinking output and may be cycled as high as 50 mA max. Its 3.8 V capability allows for use in many potential low voltage applications.
The digital, open collector sinking-type output is easily interfaced with a wide variety of electronic circuits.
To provide reliable products and consistent quality, the SS400 Series are tested at both 25 °C [75 °F] and 125 °C [257 °F]. All catalog listings in this series are qualified for operation up to 150 °C [302 °F].
For design flexibility, the lead and packaging options are: Straight leads, 14,99 mm [0.59 in] long, in bulk or ammopak tape-in-box packaging Straight leads, 18,7 mm [0.735 in] long, in bulk packaging Formed leads, 14,99 mm [0.59 in] long, in bulk or ammopak tape-in-box packaging
Please refer to SS400 Series Order Guide on page 7 for details.

FEATURES AND BENEFITS Quad-Hall IC design minimizes mechanical stress effects Temperature-compensated magnetics helps provide stable operation over a wide temperature range of -40 ° to 150 °C Miniature standard 3-lead plastic package with tape option for automated component placement, potentially reducing installation costs Broad supply voltage capability from 3.8 Vdc to 30 Vdc for application flexibility Digital, open collector sinking output for easy interfacing with a variety of common electronic circuits

POTENTIAL APPLICATIONS
Transportation: Speed and RPM (revolutions per minute) sensing Tachometer, counter pickup Motor and fan control Electric window lift Convertible roof position
Industrial: Speed and RPM (revolutions per minute) sensing Tachometer, counter pickup Flow-rate sensing Brushless dc (direct current) motor commutation Motor and fan control Robotics control
Medical: Motor assemblies Medication dispensing control




Similar Part No. - SS411A

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS411A HONEYWELL-SS411A Datasheet
245Kb / 3P
Interactive Catalog Replaces Catalog Pages
SS411A HONEYWELL-SS411A Datasheet
291Kb / 5P
Low-cost Digital Bipolar Hall-effect Sensor ICs
September 2015
More results


Similar Description - SS411A

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3054 ALLEGRO-3054 Datasheet
87Kb / 12P
MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs
3055 ALLEGRO-3055 Datasheet
111Kb / 8P
MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs
logo
Honeywell Solid State E...
SS361CT HONEYWELL-SS361CT Datasheet
388Kb / 4P
High Sensitivity Bipolar Latching,Hall-Effect Digital Sensor ICs
SL353 HONEYWELL-SL353 Datasheet
386Kb / 6P
Micropower Omnipolar Digital Hall-Effect Sensor ICs
logo
Allegro MicroSystems
A1321 ALLEGRO-A1321_11 Datasheet
501Kb / 13P
Ratiometric Linear Hall Effect Sensor ICs for High-Temperature Operation
logo
Honeywell Accelerometer...
SS49E-F HONEYWELL-ACC-SS49E-F Datasheet
621Kb / 7P
Linear Hall-Effect Sensor ICs
SS449A-T3 HONEYWELL-ACC-SS449A-T3 Datasheet
394Kb / 7P
Temperature Compensated Digital Hall-Effect Sensor ICs
logo
Texas Instruments
DRV5013 TI1-DRV5013_16 Datasheet
1Mb / 28P
Digital-Latch Hall Effect Sensor
logo
Honeywell Solid State E...
SS41 HONEYWELL-SS41 Datasheet
1Mb / 8P
Bipolar Hall-Effect Digital Position Sensor ICs
SS41F HONEYWELL-SS41F Datasheet
291Kb / 5P
Low-cost Digital Bipolar Hall-effect Sensor ICs
September 2015
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com