Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32EN19-1 Datasheet (PDF) - Honeywell Solid State Electronics Center

32EN19-1 Datasheet PDF - Honeywell Solid State Electronics Center
Part # 32EN19-1
Download  32EN19-1 Download
File Size   425.1 Kbytes
Page   11 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Position Sensors Environment-Sealed Limit Switches

32EN19-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
32EN19-1 Datasheet PDF - Honeywell Solid State Electronics Center

Part # 32EN19-1
Download  32EN19-1 Click to download

File Size   425.1 Kbytes
Page   11 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Position Sensors Environment-Sealed Limit Switches

32EN19-1 Datasheet (HTML) - Honeywell Solid State Electronics Center


32EN19-1 Product details

FEATURES
Environment-proof seal per Symbol 4,
MIL-S-8805
Qualified to MIL-S-8805
Standard temperature range: –65°F to
+185°F (–54°C to+85°C)
High temperature range listings: –65°F
to +257°F (–54°C to+125°C)
Meets or exceeds mechanical and
electrical life as defined in MIL-S-8805




Similar Part No. - 32EN19-1

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
32E7H EDAL-32E7H Datasheet
343Kb / 1P
Silicon High Voltage Assembly
logo
VIGO Photonics S.A.
32EM-5 VIGO-32EM-5 Datasheet
807Kb / 3P
MWIR 32-channel IR detection modules series with HgCdTe photovoltaic detector
31/12/2021
32EM-5-01 VIGO-32EM-5-01 Datasheet
807Kb / 3P
MWIR 32-channel IR detection modules series with HgCdTe photovoltaic detector
31/12/2021
32EM-5-02 VIGO-32EM-5-02 Datasheet
807Kb / 3P
MWIR 32-channel IR detection modules series with HgCdTe photovoltaic detector
31/12/2021
logo
Kingston Technology Far...
32EM16-M4CTX29 KINGSTON-32EM16-M4CTX29 Datasheet
357Kb / 2P
The Perfect Power Efficient Integrated Storage Solution For Space-constrained Mobile, IoT, and Embedded Applications
More results


Similar Description - 32EN19-1

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
Safety Limit Switches
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
Safety Limit Switches
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
Safety Limit Switches
MSR9R ALLEN-BRADLEY-MSR9R Datasheet
26Kb / 1P
Position (Limit) Interlocks
logo
Panasonic Semiconductor
AZ8112 PANASONIC-AZ8112 Datasheet
772Kb / 24P
Limit Switches
logo
Honeywell Accelerometer...
103SR3F-5 HONEYWELL-ACC-103SR3F-5 Datasheet
619Kb / 17P
Hall-effect Position Sensors with Sealed Housing
103SR13A-1 HONEYWELL-ACC-103SR13A-1 Datasheet
619Kb / 17P
Hall-effect Position Sensors with Sealed Housing
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
Current-Limit Switches
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
LIMIT Switches
logo
Schneider Electric
9007C62F SCHNEIDER-9007C62F Datasheet
139Kb / 3P
NEMA Limit Switches
Feb 12, 2023
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com