Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF5340-PDK Datasheet (PDF) - Nordic Semiconductor

NRF5340-PDK Datasheet PDF - Nordic Semiconductor
Part # NRF5340-PDK
Download  NRF5340-PDK Download
File Size   6090.67 Kbytes
Page   24 Pages
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor
Description Power Profiler Kit II

NRF5340-PDK Datasheet (PDF)

Go To PDF Page Download Datasheet
NRF5340-PDK Datasheet PDF - Nordic Semiconductor

Part # NRF5340-PDK
Download  NRF5340-PDK Click to download

File Size   6090.67 Kbytes
Page   24 Pages
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor
Description Power Profiler Kit II

NRF5340-PDK Datasheet (HTML) - Nordic Semiconductor


NRF5340-PDK Product details

Key features
• Variable power supply voltage ranging from 0.8 V to 5.0 V (software configurable)
• Maximum 1 A current measurement
• Accurate measurement down to approximately 200 nA
• Resolution down to 0.2 μA
• 100 kS/s sampling speed
• Automatic switching between five current measurement ranges ensuring optimal resolution
• Measurement accuracy better than ±20 % (average currents measurement)
• 8 pin digital port for digital tracing
• USB communication, enabling simple porting to other applications
• Desktop application for measurement analysis
• Real-time current measurement display

Applications
• Quick power consumption measurements on a firmware running on any nRF Development Kit (DK)
• Accumulative measurements, such as average, maximum, and charge
• Instantaneous measurements presented as waveform plots




Similar Part No. - NRF5340-PDK

ManufacturerPart #DatasheetDescription
logo
Nordic Semiconductor
NRF5340-DK NORDIC-NRF5340-DK Datasheet
973Kb / 2P
Development kit for the nRF5340, a dual-core Bluetooth 5.2 SoC supporting Bluetooth Low Energy, Bluetooth mesh, NFC, Thread and Zigbee
Version 1.0
More results


Similar Description - NRF5340-PDK

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRP30045CT MOTOROLA-MBRP30045CT Datasheet
59Kb / 2P
POWERTAP II SWITCHMODE??Power Rectifiers
logo
Cirrus Logic
EK29 APEX-EK29 Datasheet
249Kb / 3P
POWER BOOSTER EVALUATION KIT
logo
ANADIGICS, Inc
RFSP7022 ANADIGICS-RFSP7022 Datasheet
43Kb / 2P
Power Amplifier Kit
05/2003
logo
Tyco Electronics
RYII MACOM-RYII Datasheet
279Kb / 4P
Miniature Power PCB RY II & RY II reflow-solderable
logo
STMicroelectronics
STEVAL-IHM011V1 STMICROELECTRONICS-STEVAL-IHM011V1 Datasheet
251Kb / 5P
IGBT power module kit - SEMITOP2® power board
03-Mar-2008
logo
Extech Instruments Corp...
DO610 EXTECH-DO610 Datasheet
190Kb / 1P
ExStik II DO/pH/Conductivity Kit
EC410 EXTECH-EC410 Datasheet
183Kb / 1P
ExStik II Conductivity Kit
logo
National Semiconductor ...
SERDES24-35OVT NSC-SERDES24-35OVT_14 Datasheet
3Mb / 5P
Evaluation Kit for OV7710 Image Sensor Application with a FPD-Link II
logo
Extech Instruments Corp...
DO610 EXTECH-DO610_15 Datasheet
190Kb / 1P
ExStik짰 II DO/pH/Conductivity Kit
logo
TT Electronics.
OVPL5W3K TTELEC-OVPL5W3K Datasheet
771Kb / 2P
Power Line Designer Kit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com