Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTH100 Datasheet (PDF) - XP Power Limited

MTH100 Datasheet PDF - XP Power Limited
Part # MTH100_V01
Download  MTH100 Download
File Size   524.24 Kbytes
Page   2 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description Hold Up Module

MTH100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MTH100 Datasheet PDF - XP Power Limited

Part # MTH100_V01
Download  MTH100 Click to download

File Size   524.24 Kbytes
Page   2 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description Hold Up Module

MTH100 Datasheet (HTML) - XP Power Limited


MTH100 Product details

•Designed for Extended Hold Up Applications
•80% Less Hold Up Capacitance Required
•Reduces System Size and Weight
•10 A Output Current
•Wide Input Range
•User Programmable
•3 Year Warranty

General
Efficiency •98% typical
Series Resistance•0.013Ω
Isolation •1000 VDC Input to Case 1000 VDC Output to Case
Charger Switching•400 kHz typical Frequency
MTBF •1.7 MHrs to MIL-HDBK-217F at 40 °C, GF




Similar Part No. - MTH100_V01

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
MTH100 XPPOWER-MTH100 Datasheet
1Mb / 8P
Designed for Extended Hold-Up Applications
More results


Similar Description - MTH100_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7820 AD-AD7820 Datasheet
609Kb / 12P
LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
logo
List of Unclassifed Man...
SPT774 ETC-SPT774 Datasheet
113Kb / 12P
FAST, COMPLETE 12-BIT UP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
logo
Interpoint Corporation ...
HUM-40 INTERPOINT-HUM-40 Datasheet
242Kb / 13P
HOLD UP MODULE 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HUM-40 CRANE-HUM-40 Datasheet
371Kb / 13P
HOLD UP MODULE 28 VOLT INPUT
logo
Analog Devices
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
logo
List of Unclassifed Man...
KSR-2R8334-R ETC2-KSR-2R8334-R Datasheet
249Kb / 2P
Space Saving Surface Mount Supercapacitors for Hold-Up Memory Back-Up Applications
logo
STMicroelectronics
TN0024 STMICROELECTRONICS-TN0024 Datasheet
140Kb / 11P
Power supply HOLD-UP time
08-Feb-2007
logo
XP Power Limited
MTH100 XPPOWER-MTH100 Datasheet
1Mb / 8P
Designed for Extended Hold-Up Applications
logo
List of Unclassifed Man...
HUB-M ETC-HUB-M Datasheet
74Kb / 1P
HOLD-UP BUTTON
HUSK-20 ETC-HUSK-20 Datasheet
316Kb / 1P
LATCHING HOLD-UP SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com