Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

41-SERIES Datasheet (PDF) - List of Unclassifed Manufacturers

41-SERIES Datasheet PDF - List of Unclassifed Manufacturers
Part # 41-SERIES
Download  41-SERIES Download
File Size   923.43 Kbytes
Page   10 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Low profile PCB relays 8 - 12 - 16 A

41-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
41-SERIES Datasheet PDF - List of Unclassifed Manufacturers

Part # 41-SERIES
Download  41-SERIES Click to download

File Size   923.43 Kbytes
Page   10 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Low profile PCB relays 8 - 12 - 16 A

41-SERIES Datasheet (HTML) - List of Unclassifed Manufacturers


41-SERIES Product details

Features
1 & 2 Pole - Low profile (15.7 mm height)
41.31 - 1 Pole 12 A (3.5 mm pin pitch)
41.52 - 2 Pole 8 A (5 mm pin pitch)
41.61 - 1 Pole 16 A (5 mm pin pitch)
PCB mount
- direct or via PCB socket
35 mm rail mount
- via screw and screwless sockets
• DC coils - 400 mW
• 8 mm, 6 kV (1.2/50 μs) isolation, coil-contacts
• Cadmium Free contact materials
• Flux proof: RT II standard, (RT III option)




Similar Part No. - 41-SERIES

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
41-00001 CONEC-41-00001 Datasheet
183Kb / 1P
Female connector 7/8", 2posPE
41-00002 CONEC-41-00002 Datasheet
185Kb / 1P
Female connector 7/8", 4pos
41-00003 CONEC-41-00003 Datasheet
187Kb / 1P
Female connector 7/8", 4posPE
41-00004 CONEC-41-00004 Datasheet
182Kb / 1P
Male connector 7/8", 2posPE
41-00005 CONEC-41-00005 Datasheet
184Kb / 1P
Male connector 7/8", 4pos
More results


Similar Description - 41-SERIES

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T72M MACOM-T72M Datasheet
132Kb / 5P
PCB Relays / Single Relays
logo
List of Unclassifed Man...
TIP830 ETC1-TIP830 Datasheet
78Kb / 1P
8 Channel 12 (16) bit Simultaneous Sampling A/D
logo
Tyco Electronics
V23081 MACOM-V23081 Datasheet
138Kb / 4P
PCB relays Twin relays
logo
National Instruments Co...
PXI-2585 NI-PXI-2585 Datasheet
205Kb / 3P
10-Channel, 12 A SPST (Form A) Relays/Multiplexer
PXI-2564 NI-PXI-2564 Datasheet
132Kb / 3P
16-Channel, 5 A SPST (Form A) Relays
logo
Panasonic Battery Group
SF-Y PANASONICBATTERY-SF-Y Datasheet
194Kb / 1P
Low-Profile Safety Relays
logo
Willow Technologies Ltd
SERIESF WILLOW-SERIESF Datasheet
1Mb / 2P
Low Profile PCB Relays
logo
PHOENIX CONTACT
3200425 PHOENIX-3200425 Datasheet
75Kb / 3P
A 16 -12
logo
Schneider Electric
LR2K0322 SCHNEIDER-LR2K0322 Datasheet
67Kb / 3P
TeSys K - differential thermal overload relays - 12...16 A - class 10A
Apr 30, 2021
logo
Tyco Electronics
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
PCB Relays Single Relays
Revised 6-2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com