Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCMF Datasheet (PDF) - List of Unclassifed Manufacturers

MCMF Datasheet PDF - List of Unclassifed Manufacturers
Part # MCMF
Download  MCMF Download
File Size   568.43 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Metal Film Fixed Resistor

MCMF Datasheet (PDF)

Go To PDF Page Download Datasheet
MCMF Datasheet PDF - List of Unclassifed Manufacturers

Part # MCMF
Download  MCMF Click to download

File Size   568.43 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Metal Film Fixed Resistor

MCMF Datasheet (HTML) - List of Unclassifed Manufacturers


MCMF Product details

Specifications:
Type : MCMF
Rated Power : 0.25W at 70°C
Max. Working Voltage : 250V
Max. Overload Voltage : 500V
Dielectric Withstanding Voltage : 500V
Rated Ambient Temp : 70°C
Operating Temp. Range : -55°C to +155°C
Resistance Tolerance
MCMF0W4B Series : ±0.1%
MCMF0W4F Series : ±1%
Resistance Range : 10Ω to 1MΩ




Similar Part No. - MCMF

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MCMF MULTICOMP-MCMF Datasheet
487Kb / 7P
Metal Film Fixed Resistor
25/11/19 V1.1
MCMF0041 MULTICOMP-MCMF0041 Datasheet
197Kb / 1P
Wall Fixing Kit RP Range
19/01/21 V1.0
MCMF0045 MULTICOMP-MCMF0045 Datasheet
197Kb / 1P
Wall Fixing Kit RP Range
19/01/21 V1.0
MCMF0W4BB1001A5 MULTICOMP-MCMF0W4BB1001A5 Datasheet
487Kb / 7P
Metal Film Fixed Resistor
25/11/19 V1.1
MCMF0W4BB1002A50 MULTICOMP-MCMF0W4BB1002A50 Datasheet
487Kb / 7P
Metal Film Fixed Resistor
25/11/19 V1.1
More results


Similar Description - MCMF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
5043ED4K640F PHILIPS-5043ED4K640F Datasheet
335Kb / 7P
Standard Metal Film resistor
logo
IRC - a TT electronics ...
MF1S6802JR IRCTT-MF1S6802JR Datasheet
169Kb / 3P
Power Metal Film Resistor
logo
MERITEK ELECTRONICS COR...
MFM MERITEK-MFM Datasheet
428Kb / 2P
Metal Film MELF Resistor
logo
UNIOHM CORPORATION
MM-16 UNIOHM-MM-16 Datasheet
895Kb / 3P
Metal Film MELF Resistor
logo
WALSIN TECHNOLOGY CORPO...
SF25Q WALSIN-SF25Q Datasheet
2Mb / 10P
SMD metal film resistor
SF25T WALSIN-SF25T Datasheet
555Kb / 10P
SMD metal film resistor
WF25T WALSIN-WF25T Datasheet
670Kb / 10P
SMD metal film resistor
logo
Stackpole Electronics, ...
MLF SEI-MLF Datasheet
698Kb / 11P
Metal Film Melf Resistor
8/10/2022
logo
RFE international
MGHV25 RFE-MGHV25 Datasheet
603Kb / 3P
METAL GLAZED FILM RESISTOR
2020.08.14
MGHV RFE-MGHV Datasheet
603Kb / 3P
METAL GLAZED FILM RESISTOR
2020.08.14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com