Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1507052 Datasheet (PDF) - PHOENIX CONTACT

1507052 Datasheet PDF - PHOENIX CONTACT
Part # 1507052
Download  1507052 Download
File Size   488.35 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12MS-4CON-PG11-DUO-M - Connector

1507052 Datasheet (PDF)

Go To PDF Page Download Datasheet
1507052 Datasheet PDF - PHOENIX CONTACT

Part # 1507052
Download  1507052 Click to download

File Size   488.35 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12MS-4CON-PG11-DUO-M - Connector

1507052 Datasheet (HTML) - PHOENIX CONTACT


1507052 Product details

Connector, Universal, 4-position, Plug straight M12, A, Screw connection, knurl material: Zinc
die-cast, nickel-plated, cable gland Pg11-DUO, external cable diameter 2.1 mm ... 3 mm / 4 mm .
.. 5.2 mm

Your advantages
• Safe use in the field, thanks to a high degree of protection
• Screw connection: proven connection technology for a large selection of different conductors
• Save space: connect two sensors to one connector with a multiple grommet




Similar Part No. - 1507052

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15070 ETC1-15070 Datasheet
219Kb / 5P
Normal Wall Flame Retardant Heat Shrink Tubing
logo
Multicomp Pro
15070 MULTICOMP-15070 Datasheet
231Kb / 3P
Normal Wall, Flexible Halogen-Free Polyolefin Heat Shrink Tubing
23/06/22 V1.0
logo
Pro-Power
15070 PROPOWER-15070 Datasheet
311Kb / 5P
2:1 Normal Wall Heatshrink Tubing
V1.1 09/03/20
logo
PHOENIX CONTACT
1507007 PHOENIX-1507007 Datasheet
95Kb / 2P
Female connector - RCK-TGUM/BL163/30,0PUR-U
12/05/2018
1507065 PHOENIX-1507065 Datasheet
825Kb / 23P
SAC-5P-M12MSB/ 2,0-900 - Bus system cable
More results


Similar Description - 1507052

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1403371 PHOENIX-1403371 Datasheet
277Kb / 5P
Connector - SACC-M12MS-5CON-PG11-DUO VA
1404415 PHOENIX-1404415 Datasheet
276Kb / 6P
Power connector - SACC-M12MS-4CON-PG11-M PWR
1404416 PHOENIX-1404416 Datasheet
276Kb / 6P
Power connector - SACC-M12FS-4CON-PG11-M PWR
1662285 PHOENIX-1662285 Datasheet
147Kb / 4P
SACC-M12MS-5CON-PG11-DUO
1662748 PHOENIX-1662748 Datasheet
146Kb / 4P
SACC-M12MS-5CON-PG11-DUO-M
1408988 PHOENIX-1408988 Datasheet
407Kb / 14P
SACC-M12MRT-4CON-PG11-M - Power connector
1408989 PHOENIX-1408989 Datasheet
400Kb / 14P
SACC-M12FRT-4CON-PG11-M - Power connector
1408991 PHOENIX-1408991 Datasheet
405Kb / 14P
SACC-M12FR-4CON-PG11-M PWR - Power connector
1410666 PHOENIX-1410666 Datasheet
529Kb / 15P
SACC-M12MS-8CON-PG11-M - Connector
1408990 PHOENIX-1408990 Datasheet
433Kb / 14P
SACC-M12MR-4CON-PG11-M PWR - Power connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com