Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE3400E Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

NCE3400E Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # NCE3400E
Download  NCE3400E Download
File Size   243.55 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N-Channel Enhancement Mode Power MOSFET

NCE3400E Datasheet (PDF)

Go To PDF Page Download Datasheet
NCE3400E Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE3400E
Download  NCE3400E Click to download

File Size   243.55 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N-Channel Enhancement Mode Power MOSFET

NCE3400E Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


NCE3400E Product details

Description
The NCE3400E uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with gate
voltages as low as 2.5V. This device is suitable for use as a
Battery protection or in other Switching application. It is ESD
protested.
General Features
● VDS = 30V,ID = 5.3A
RDS(ON) < 57mΩ @ VGS=2.5V
RDS(ON) < 40mΩ @ VGS=4.5V
RDS(ON) < 33mΩ @ VGS=10V
● High power and current handing capability
● Lead free product is acquired
● Surface mount package
● PWM applications
● Load switch
● Power management




Similar Part No. - NCE3400E

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE3400 NCEPOWER-NCE3400 Datasheet
332Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
NCE3400 VBSEMI-NCE3400 Datasheet
483Kb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Wuxi NCE Power Semicond...
NCE3400A NCEPOWER-NCE3400A Datasheet
286Kb / 7P
N-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
NCE3400A VBSEMI-NCE3400A Datasheet
1Mb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Wuxi NCE Power Semicond...
NCE3400AY NCEPOWER-NCE3400AY Datasheet
284Kb / 7P
N-Channel Enhancement Mode Power MOSFET
More results


Similar Description - NCE3400E

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE55H11 NCEPOWER-NCE55H11 Datasheet
376Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE75H21T NCEPOWER-NCE75H21T Datasheet
354Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0128D NCEPOWER-NCE0128D Datasheet
326Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0160S NCEPOWER-NCE0160S Datasheet
401Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE2302 NCEPOWER-NCE2302 Datasheet
306Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE3080K NCEPOWER-NCE3080K Datasheet
355Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE01H16 NCEPOWER-NCE01H16 Datasheet
369Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE70H13 NCEPOWER-NCE70H13 Datasheet
407Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1490 NCEPOWER-NCE1490 Datasheet
375Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1530KC NCEPOWER-NCE1530KC Datasheet
419Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com