Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAU7118 Datasheet (PDF) - Analog Devices

ADAU7118 Datasheet PDF - Analog Devices
Part # ADAU7118
Download  ADAU7118 Download
File Size   670.91 Kbytes
Page   35 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel, PDM to I2S/TDM Converter

ADAU7118 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADAU7118 Datasheet PDF - Analog Devices

Part # ADAU7118
Download  ADAU7118 Click to download

File Size   670.91 Kbytes
Page   35 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel, PDM to I2S/TDM Converter

ADAU7118 Datasheet (HTML) - Analog Devices


ADAU7118 Product details

FEATURES
8 channels of PDM audio inputs from digital microphones
16×, 32×, or 64× decimation ratio of PDM to PCM audio data
24-bit resolution to support high sound pressure level (SPL)
microphones
126 dB A-weighted SNR
4 kHz to 192 kHz output sampling rate
Bit clock rates of 64×, 128×, 192×, 256×, 384×, or 512× the
output sampling rate
Dual output PDM clocks
Automatic PDM clock generation
Automatic power-down when BCLK removed
Selectable I2C control or hardware mode operation
1.2 mA DVDD operating current for 8 channels at 48 kHz
frequency sampling rate and 1.8 V supply
Slave I2S or TDM output interface
Up to TDM-16 supported
Configurable TDM slot routing and sizes
I/O supply voltage from 1.70 V to 3.63 V
DVDD supply voltage from 1.10 V to 1.98 V
<5 μA typical DVDD shutdown current
16-lead, 3 mm × 3 mm, 0.50 mm pitch LFCSP
Power-on reset

APPLICATIONS
Microphone arrays
Mobile computing
Portable electronics
Consumer electronics
Professional electronics




Similar Part No. - ADAU7118

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU7112 AD-ADAU7112 Datasheet
338Kb / 14P
Stereo PDM to I2S/TDM Converter
Rev. 0
ADAU7112ACBZR7 AD-ADAU7112ACBZR7 Datasheet
338Kb / 14P
Stereo PDM to I2S/TDM Converter
Rev. 0
ADAU7112ACBZRL AD-ADAU7112ACBZRL Datasheet
338Kb / 14P
Stereo PDM to I2S/TDM Converter
Rev. 0
More results


Similar Description - ADAU7118

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT90883 ZARLINK-MT90883 Datasheet
702Kb / 97P
TDM to Packet Processors
logo
Maxim Integrated Produc...
DS26101 MAXIM-DS26101 Datasheet
560Kb / 62P
8-Port TDM-to-ATM PHY
REV: 032503
logo
Analog Devices
ADAU7002 AD-ADAU7002 Datasheet
295Kb / 16P
Stereo PDM-to-I2S or TDM Conversion IC
REV. 0
logo
Roithner LaserTechnik G...
TTM8000 ROITHNER-TTM8000 Datasheet
363Kb / 2P
8 Channel Time to Digital Converter
logo
Analog Devices
ADAU7002 AD-ADAU7002_16 Datasheet
365Kb / 16P
Stereo PDM-to-I2S or TDM Conversion IC
11/2016-Rev. A to Rev. B
logo
Texas Instruments
PCMD3180 TI1-PCMD3180 Datasheet
3Mb / 109P
PCMD3180 Octal-Channel, PDM Input to TDM or I2S Output Converter
PCMD3140 TI-PCMD3140 Datasheet
4Mb / 107P
PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PCMD3140 TI-PCMD3140_V01 Datasheet
4Mb / 106P
PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PCMD3140-Q1 TI-PCMD3140-Q1 Datasheet
5Mb / 111P
PCMD3140-Q1 Quad-Channel, PDM Input to TDM or I2S Output Converter
APRIL 2022
PCMD3140-Q1 TI-PCMD3140-Q1_V01 Datasheet
5Mb / 111P
PCMD3140-Q1 Quad-Channel, PDM Input to TDM or I2S Output Converter
REVISED SEPTEMBER 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com