Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1607255 Datasheet (PDF) - PHOENIX CONTACT

1607255 Datasheet PDF - PHOENIX CONTACT
Part # 1607255
Download  1607255 Download
File Size   471.3 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description RF-12P2N8A90DU - Coupler connector

1607255 Datasheet (PDF)

Go To PDF Page Download Datasheet
1607255 Datasheet PDF - PHOENIX CONTACT

Part # 1607255
Download  1607255 Click to download

File Size   471.3 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description RF-12P2N8A90DU - Coupler connector

1607255 Datasheet (HTML) - PHOENIX CONTACT


1607255 Product details

Coupler connector, straight, Screw locking, M23, number of positions: 12, type of contact: Pin,
shielded: yes, degree of protection: IP67, cable diameter range: 5 mm ... 13.2 mm, number of
positions: 12, connection method: Crimp connection, series: RF, Alternative product in
accordance with RoHS II without Exemption 6c (Pb <0.1%) item no.: 1242253




Similar Part No. - 1607255

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1607250 PHOENIX-1607250 Datasheet
70Kb / 3P
Contact insert set - VC-TR2/3M-PEA-S888-SET
1607252 PHOENIX-1607252 Datasheet
402Kb / 10P
RF-12P2N8A80DU - Cable connector
1607257 PHOENIX-1607257 Datasheet
555Kb / 14P
RF-12P2N8AAD00 - Device connector front mounting
1607258 PHOENIX-1607258 Datasheet
370Kb / 8P
RF-12P2N8AAF00 - Device connector front mounting
More results


Similar Description - 1607255

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
DCP9931-10 AAC-DCP9931-10 Datasheet
199Kb / 2P
RF Coupler Card Series
logo
EPCOS
B78408A1898A003 EPCOS-B78408A1898A003 Datasheet
90Kb / 4P
RF transformers 12 dB directional coupler
B78408A1899A003 EPCOS-B78408A1899A003 Datasheet
87Kb / 4P
RF transformers 6 dB directional coupler
logo
M/A-COM Technology Solu...
MACP-010121-B8180X MA-COM-MACP-010121-B8180X Datasheet
145Kb / 4P
E-Series RF 20dB Coupler
MACP-010121-B8180X MA-COM-MACP-010121-B8180X Datasheet
145Kb / 4P
E-Series RF 20dB Coupler
MACP-010121-B8180X MA-COM-MACP-010121-B8180X_15 Datasheet
145Kb / 4P
E-Series RF 20dB Coupler
logo
PHOENIX CONTACT
1607231 PHOENIX-1607231 Datasheet
395Kb / 10P
RF-12P1N8A90DU - Coupler connector
1607278 PHOENIX-1607278 Datasheet
351Kb / 8P
RF-12S1N8A90DU - Coupler connector
1607265 PHOENIX-1607265 Datasheet
302Kb / 7P
RF-12P2S8A9002 - Coupler connector
1607302 PHOENIX-1607302 Datasheet
351Kb / 8P
RF-12S2N8A90DU - Coupler connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com