Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLP781TE Datasheet (PDF) - Texas Instruments

DLP781TE Datasheet PDF - Texas Instruments
Part # DLP781TE
Download  DLP781TE Download
File Size   1572.6 Kbytes
Page   46 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DLP781TE 0.78 4K UHD DMD

DLP781TE Datasheet (PDF)

Go To PDF Page Download Datasheet
DLP781TE Datasheet PDF - Texas Instruments

Part # DLP781TE
Download  DLP781TE Click to download

File Size   1572.6 Kbytes
Page   46 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DLP781TE 0.78 4K UHD DMD

DLP781TE Datasheet (HTML) - Texas Instruments


DLP781TE Product details

1 Features
• 0.78-inch diagonal micromirror array
– 4K UHD (3840 × 2160) display resolution
– 9.0-μm micromirror pitch
– ±14.5° micromirror tilt (relative to flat surface)
– Corner illumination
• Supports high optical power density for highbrightness
large venue displays
– Up to 40W/cm2 total optical power density
• 2xLVDS input data bus
• Supports 4K UHD up to 60 Hz
• Laser-phosphor, and RGB laser supported by
DLPC4420 display controller, DLPA100 power
management and motor driver IC

2 Applications
• Large venue projector
• Smart projector
• Enterprise projector
• Digital signage

3 Description
The DLP781TE digital micromirror device (DMD) is
a digitally controlled micro-electromechanical system
(MEMS) spatial light modulator (SLM) that enables
bright 4K UHD solid-state illuminated display systems.
The TI DLP® 0.78-inch 4K UHD chipset comprises the
DMD, two DLPC4420 display controllers, DLPA300
micromirror driver, and DLPA100 power and motor
driver. The compact physical size of the chipset
provides a complete system solution that enables
small form factor 4K UHD displays with solid-state
illumination.
To help accelerate the design cycle, the DMD
ecosystem includes established resources, which
include production ready optical modules, optical
module manufacturers, and design houses.
To learn more about how to start designing with the
DMD, visit the Getting Started with TI DLP display
technology page.




Similar Part No. - DLP781TE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP781NE TI-DLP781NE Datasheet
1Mb / 44P
DLP781NE 0.78 1080P DMD
OCTOBER 2022
DLP781NEA0FYU TI-DLP781NEA0FYU Datasheet
1Mb / 44P
DLP781NE 0.78 1080P DMD
OCTOBER 2022
More results


Similar Description - DLP781TE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP660TE TI1-DLP660TE Datasheet
1Mb / 44P
0.66 4K UHD DMD
DLP470TE TI1-DLP470TE Datasheet
684Kb / 44P
0.47 4K UHD DMD
DLP470TP TI1-DLP470TP Datasheet
741Kb / 48P
0.47 4K UHD DMD
DLP470TE TI1-DLP470TE_19 Datasheet
774Kb / 47P
0.47 4K UHD DMD
DLP660TE TI1-DLP660TE_19 Datasheet
1Mb / 46P
0.66 4K UHD DMD
DLP471TE TI1-DLP471TE Datasheet
132Kb / 7P
DLP471TE .47 4K UHD DMD
DLP471TP TI1-DLP471TP Datasheet
158Kb / 7P
DLP471TP .47 4K UHD DMD
DLP471TP TI-DLP471TP_V01 Datasheet
1Mb / 48P
DLP471TP .47 4K UHD DMD
DLP650TE TI-DLP650TE Datasheet
1Mb / 43P
DLP650TE 0.65 4K UHD DMD
DLP780TE TI-DLP780TE Datasheet
1Mb / 48P
DLP780TE 0.78 4K UHD DMD
DLPS221 ??SEPTEMBER 2021
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com