Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMQ66430 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LMQ66430 Datasheet PDF - Texas Instruments
Part # LMQ66430
Download  LMQ66430 Download
File Size   4999.32 Kbytes
Page   54 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMQ664x0-Q1, 36-V, 1-A, 2-A, and 3-A, Ultra-Small, Synchronous Automotive Step-Down Converter with Integrated VIN Bypass and CBOOT Capacitors

LMQ66430 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMQ66430 Datasheet PDF - Texas Instruments

Part # LMQ66430
Download  LMQ66430 Click to download

File Size   4999.32 Kbytes
Page   54 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMQ664x0-Q1, 36-V, 1-A, 2-A, and 3-A, Ultra-Small, Synchronous Automotive Step-Down Converter with Integrated VIN Bypass and CBOOT Capacitors

LMQ66430 Datasheet (HTML) - Texas Instruments


LMQ66430 Product details

1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• AEC-Q100-qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Optimized for low EMI requirements:
– Facilitates CISPR 25 class 5 compliance
– Integrated bypass and boot capacitors reduce
EMI
– Dual Random Spread Spectrum reduces peak
emissions
– Enhanced HotRod™ QFN package minimizes
switch node ringing
• Greater than 85% efficiency at 1 mA
• Designed for automotive applications:
– Junction temperature range: –40°C to +150°C
– NC pin between critical pins for better reliability
– Best in-class pin FMEA
– Supports 42-V automotive load dump transients
– Supports 3-VIN for automotive cold crank
• Miniature solution size and low component cost:
– Integrated input bypass capacitors and
bootstrap capacitor reducing EMI
– 2.6-mm × 2.6-mm enhanced HotRod™ QFN
package with wettable flanks
– Internal control loop compensation

2 Applications
• Advanced driver assistance systems: radar ECU
• Infotainment and cluster: head unit, eCall
• Body electronics and lighting

3 Description
The LMQ664x0-Q1 is the industry smallest 36-V, 3-A
(available in 2-A and 1-A variants) synchronous stepdown
DC/DC converter with an integrated bypass and
bootstrap capacitor in an enhanced HotRod™ QFN
package. This easy-to-use converter supports a wide
input voltage range of 2.7 V to 36 V (after start-up or
after operating) with transients up to 42 V.
The LMQ664x0-Q1 is specifically designed to
meet low standby power requirements for alwayson,
automotive applications. Auto mode enables
frequency foldback when operating at light loads,
allowing an unloaded typical current consumption of
1.5 μA at 13.5 VIN and high light load efficiency. A
seamless transition between PWM and PFM modes
along with very low MOSFET ON resistances makes
sure there is exceptional efficiency across the entire
load range. The control architecture (peak current
mode) and feature set are optimized for an ultrasmall
solution size with minimal output capacitance.
The device minimizes input filter size by using
dual-random spread spectrum (DRSS), a low-EMI
enhanced HotRod™ QFN package, and an optimized
pin-out. The MODE/SYNC pin can be used to set or
synchronize the frequency to avoid noise sensitive
frequency bands. There are NC pins between critical
high voltage pins, reducing potential failures (optimal
pin FMEA). The rich feature set of the LMQ664x0-
Q1 is designed to simplify implementation for a wide
range of automotive end equipment.




Similar Part No. - LMQ66430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMQ66430 TI-LMQ66430 Datasheet
3Mb / 48P
LMQ664x0, 36-V, 1-A, 2-A, and 3-A Ultra-Small Synchronous Step-Down Converter with Integrated VIN Bypass and CBOOT Capacitors
FEBRUARY 2022
LMQ66430 TI-LMQ66430 Datasheet
3Mb / 48P
LMQ664x0-Q1, 36-V, 1-A, 2-A, and 3-A Ultra-Small Synchronous Automotive Step-Down Converter with Integrated VIN Bypass and CBOOT Capacitors
FEBRUARY 2022
LMQ66430 TI1-LMQ66430 Datasheet
4Mb / 54P
LMQ664x0-Q1, 36-V, 1-A, 2-A, and 3-A, Ultra-Small, Synchronous Automotive Step-Down Converter With Integrated VIN Bypass and CBOOT Capacitors
DECEMBER 2023
LMQ66430-Q1 TI-LMQ66430-Q1 Datasheet
3Mb / 48P
LMQ664x0-Q1, 36-V, 1-A, 2-A, and 3-A Ultra-Small Synchronous Automotive Step-Down Converter with Integrated VIN Bypass and CBOOT Capacitors
FEBRUARY 2022
LMQ66430-Q1 TI-LMQ66430-Q1 Datasheet
3Mb / 48P
LMQ664x0, 36-V, 1-A, 2-A, and 3-A Ultra-Small Synchronous Step-Down Converter with Integrated VIN Bypass and CBOOT Capacitors
FEBRUARY 2022
More results


Similar Description - LMQ66430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR36506-Q1 TI1-LMR36506-Q1 Datasheet
91Kb / 6P
LMR36506-Q1 3 V - 65 V, 0.6-A Ultra-Small Synchronous Step-Down Converter with 4關A Iq
LM60440 TI1-LM60440 Datasheet
1Mb / 32P
LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440-Q1 TI1-LM60440-Q1 Datasheet
1Mb / 32P
LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440-Q1 TI1-LM60440-Q1_V01 Datasheet
1Mb / 36P
LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM63615-Q1 TI1-LM63615-Q1_V04 Datasheet
4Mb / 58P
LM636x5-Q1 3.5-V to 36-V, 1.5-A, and 2.5-A Automotive Step-down Voltage Converter
LM60440-Q1 TI1-LM60440-Q1_V02 Datasheet
1Mb / 39P
LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440 TI-LM60440_V01 Datasheet
1Mb / 38P
LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LMR33620AP-Q1 TI-LMR33620AP-Q1 Datasheet
4Mb / 48P
LMR336x0AP-Q1 3.8-V to 36-V, 2-A and 3-A Synchronous Step-Down Voltage Converter
LMQ66430-Q1 TI-LMQ66430-Q1 Datasheet
3Mb / 48P
LMQ664x0-Q1, 36-V, 1-A, 2-A, and 3-A Ultra-Small Synchronous Automotive Step-Down Converter with Integrated VIN Bypass and CBOOT Capacitors
FEBRUARY 2022
LMQ66430 TI-LMQ66430 Datasheet
3Mb / 48P
LMQ664x0, 36-V, 1-A, 2-A, and 3-A Ultra-Small Synchronous Step-Down Converter with Integrated VIN Bypass and CBOOT Capacitors
FEBRUARY 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com